Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3905 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP3905
Description  LP3905 Power Management Unit For Low Power Handheld Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3905 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3905 Datasheet HTML 7Page - Texas Instruments LP3905 Datasheet HTML 8Page - Texas Instruments LP3905 Datasheet HTML 9Page - Texas Instruments LP3905 Datasheet HTML 10Page - Texas Instruments LP3905 Datasheet HTML 11Page - Texas Instruments LP3905 Datasheet HTML 12Page - Texas Instruments LP3905 Datasheet HTML 13Page - Texas Instruments LP3905 Datasheet HTML 14Page - Texas Instruments LP3905 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
IPFM = 112 mA +
VIN
27:
VOUT
TIME (4 Ps/DIV)
200 mA/DIV
IL
VSW
2V/DIV
20 mV/DIV
AC Coupled
VIN = 3.6V
VOUT = 1.5V
IOUT = 20 mA
Typically
IMODE < 30 mA +
VIN
42:
LP3905
www.ti.com
SNVS374D – JUNE 2006 – REVISED MAY 2013
PFM OPERATION
At very light loads, the converters enters PFM mode and operate with reduced switching frequency and supply
current to maintain high efficiency.
The Bucks will automatically transition into PFM mode when either of two conditions occurs for a duration of 32
or more clock cycles:
A. The inductor current becomes discontinuous.
B. The peak PMOS switch current drops below the IMODE level,
(1)
Figure 8. Typical PFM Operation
During PFM operation, the converter positions the output voltage slightly higher than the nominal output voltage
during PWM operation, allowing additional headroom for voltage drop during a load transient from light to heavy
load. The PFM comparators sense the output voltage via the feedback pin and control the switching of the output
FETs such that the output voltage ramps between ~0.6% and ~1.7% above the nominal PWM output voltage. If
the output voltage is below the ‘high’ PFM comparator threshold, the PMOS power switch is turned on. It remains
on until the output voltage reaches the ‘high’ PFM threshold or the peak current exceeds the IPFM level set for
PFM mode. The typical peak current in PFM mode is:
(2)
Once the PMOS power switch is turned off, the NMOS power switch is turned on until the inductor current ramps
to zero. When the NMOS zero-current condition is detected, the NMOS power switch is turned off. If the output
voltage is below the ‘high’ PFM comparator threshold ), the PMOS switch is again turned on and the cycle is
repeated until the output reaches the desired level. Once the output reaches the ‘high’ PFM threshold, the NMOS
switch is turned on briefly to ramp the inductor current to zero and then both output switches are turned off and
the part enters an extremely low power mode. Quiescent supply current during this ‘sleep’ mode is 16µA (typ),
which allows the part to achieve high efficiencies under extremely light load conditions. When the output drops
below the ‘low’ PFM threshold, the cycle repeats to restore the output voltage (average voltage in pfm mode) to
∼1.15% above the nominal PWM output voltage.
If the load current should increase during PFM mode causing the output voltage to fall below the ‘low2’ PFM
threshold, the part will automatically transition into fixed-frequency PWM mode. When VIN =2.8V the part
transitions from PWM to PFM mode at ~35mA output current and from PFM to PWM mode at ~85mA , when
VIN=3.6V, PWM to PFM transition happens at ~50mA and PFM to PWM transition happens at ~100mA, when VIN
=4.5V, PWM to PFM transition happens at ~65mA and PFM to PWM transition happens at ~115mA.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3905



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com