Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3905 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP3905
Description  LP3905 Power Management Unit For Low Power Handheld Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3905 Datasheet(HTML) 4 Page - Texas Instruments

  LP3905 Datasheet HTML 1Page - Texas Instruments LP3905 Datasheet HTML 2Page - Texas Instruments LP3905 Datasheet HTML 3Page - Texas Instruments LP3905 Datasheet HTML 4Page - Texas Instruments LP3905 Datasheet HTML 5Page - Texas Instruments LP3905 Datasheet HTML 6Page - Texas Instruments LP3905 Datasheet HTML 7Page - Texas Instruments LP3905 Datasheet HTML 8Page - Texas Instruments LP3905 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LP3905
SNVS374D – JUNE 2006 – REVISED MAY 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
VIN1,VIN2
−0.2V to 6.0V
(GND
−0.2V) to
FB1, FB2, EN1,EN2
(VIN + 0.2V) to 6.0V (max)
Continuous Power Dissipation(3)
Internally Limited
Junction Temperature (TJ-MAX)
+150°C
Storage Temperature Range
−65°C to +150°C
Maximum Lead Temperature (Soldering, 10 sec.)
260°C
ESD Rating(4)
Human Body Model
2.5kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage.
(4)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. MIL-STD-883 3015.7
Operating Ratings
(1) (2)
VIN1 (Buck1 and 2 Input Voltage),VIN2 (LDO1 and 2 Input Voltage)
(3)
3V to 5.5V
Recommended Load Current (Buck)
0mA to 600 mA
0mA to 100mA with 0.47uF O/P cap
Recommended Load Current (LDO)
0mA to 150mA with 1.0uF O/P cap
Junction Temperature (TJ) Range
−40°C to +125°C
Ambient Temperature (TA) Range
(4)
−40°C to +85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
VIN1 and VIN2 should be tied together at all times for proper Power Up
(4)
In Applications where high power dissipation and/or poor package resistance is present, the maximum ambient temperature may have
to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX), the
maximum power dissipation of the device in the application (PD-MAX) and the junction to ambient thermal resistance of the package (θJA)
in the application, as given by the following equation:TA-MAX= TJ-MAX− (θJAx PD-MAX).
Thermal Properties
Junction-to-Ambient Thermal Resistance (
θJA) NHL0014B package
(1)
37.3ºC/W
(1)
Junction to ambient thermal resistance is highly dependent on board layout, PCB material environmental conditions and applications. In
applications where high power dissipation exists, special care must be given to thermal dissipation issues in board design. The use of
thermal vias under the pad may be required. For more on these topics, please refer to the Application Note: AN-1187: Leadless
leadframe Package (LLP) SNOA401.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3905



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com