Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3905 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP3905
Description  LP3905 Power Management Unit For Low Power Handheld Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3905 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP3905 Datasheet HTML 4Page - Texas Instruments LP3905 Datasheet HTML 5Page - Texas Instruments LP3905 Datasheet HTML 6Page - Texas Instruments LP3905 Datasheet HTML 7Page - Texas Instruments LP3905 Datasheet HTML 8Page - Texas Instruments LP3905 Datasheet HTML 9Page - Texas Instruments LP3905 Datasheet HTML 10Page - Texas Instruments LP3905 Datasheet HTML 11Page - Texas Instruments LP3905 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
EN1
Buck1
LDO1 & 2
Buck2
85%
Timings shown are typical.
150 s
EN2
110 s
60 s
LP3905
SNVS374D – JUNE 2006 – REVISED MAY 2013
www.ti.com
FUNCTIONAL DESCRIPTION
POWER UP/DOWN PROCEDURE
The LP3905 Bucks and LDOs are powered UP/DOWN with 2 control pins, EN1 and EN2. In order for the enable
pins to operate, VIN1 and VIN2 should be set to a voltage level higher than VUVLO_R (specified in electrical
characteristic). Once enabled, EN1 will turn on Buck1, LDO1 and LDO2. EN2 can independently be used to
enable Buck2. Figure 5 illustrates the power UP/DOWN timing sequence of the LP3905 blocks for VEN≥ VIH (min)
(enable) and VEN≤VIL (max) (disable).
Both linear regulators have active pulldowns when the outputs are disabled.
Figure 5. LP3905 Power Up and Power Down Timing Sequence
EN1 and EN2 can be controlled fully independently.
LDOs will be turned on only after Buck1 is powered up. LDOs are powered on simultaneously.
In case EN1 and EN2 are enabled at the same time, power up of Buck2 is delayed by 50µs in order to minimize
the inrush current from the battery.
When EN1 and EN2 are disabled, the relevant output voltages are turned off.
DC/DC BUCK REGULATORS
The LP3905 Buck regulators are high efficiency step down DC-DC switching converters used for delivering a
constant voltage from either a single Li-Ion or three cell NiMH/NiCd battery to portable devices such as cell
phones and PDAs. Using a voltage mode architecture with synchronous rectification, the Buck Regulators have
the ability to deliver up to 600 mA depending on the input voltage, output voltage, ambient temperature and the
inductor chosen.
There are three modes of operation depending on the current required - PWM, PFM, and shutdown. The
standard device operates in PWM mode at load currents of approximately 80 mA or higher, having voltage
tolerance of ±4% with 90% efficiency or better. Lighter load currents cause the device to automatically switch into
PFM for reduced current consumption and a longer battery life. Shutdown mode turns off the device, offering the
lowest current consumption . A fixed mode device is also available which is fixed in PWM mode for both low and
high load currents.
An adjustable voltage version is also avalable for which the output voltage can be selected by using two external
resistors at each of the two buck outputs.
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3905



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com