Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3905 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP3905
Description  LP3905 Power Management Unit For Low Power Handheld Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3905 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3905 Datasheet HTML 8Page - Texas Instruments LP3905 Datasheet HTML 9Page - Texas Instruments LP3905 Datasheet HTML 10Page - Texas Instruments LP3905 Datasheet HTML 11Page - Texas Instruments LP3905 Datasheet HTML 12Page - Texas Instruments LP3905 Datasheet HTML 13Page - Texas Instruments LP3905 Datasheet HTML 14Page - Texas Instruments LP3905 Datasheet HTML 15Page - Texas Instruments LP3905 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Low2 PFM Threshold,
switch back to PWM mode
PFET on
until
lpfm limit
reached
Current load
increases,
draws Vout
towards
Low2 PFM
Threshold
Low PFM
Threshold,
turn on
PFET
High PFM
Voltage
Threshold
reached,
go into
sleep mode
NFET on
drains
conductor
current
until
I inductor = 0
Load current
increases
Low2 PFM Threshold
Vout
High PFM Threshold
~1.017*Vout
Low1 PFM Threshold
~1.006*Vout
PWM Mode at
Moderate to Heavy
Loads
PFM Mode at Light Load
LP3905
SNVS374D – JUNE 2006 – REVISED MAY 2013
www.ti.com
Figure 9. Operation in PFM Mode and Transfer to PWM Mode
SOFT START
The LP3905 Buck Converters have a soft-start circuit that limits in-rush current during start-up. Additionally, in
case EN1 and EN2 are enabled at the same time, a typical 500µs delay between Buck1 and Buck2 Power Up
prevents any further Inrush current from the battery.
During start-up the switch current limit is increased in steps. Soft start is activated only if EN goes from logic low
to logic high after Vin reaches 3V. Soft start is implemented by increasing switch current limit in steps of 70mA,
140mA, 280mA and 1000mA (typ. switch current limit). The start-up time thereby depends on the output
capacitor and load current demanded at start-up. Typical start-up times with 22µF output capacitor and 300mA
load current is 400µs and with 1mA load current its 275µs.
12
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3905



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com