Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3905 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP3905
Description  LP3905 Power Management Unit For Low Power Handheld Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3905 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3905 Datasheet HTML 6Page - Texas Instruments LP3905 Datasheet HTML 7Page - Texas Instruments LP3905 Datasheet HTML 8Page - Texas Instruments LP3905 Datasheet HTML 9Page - Texas Instruments LP3905 Datasheet HTML 10Page - Texas Instruments LP3905 Datasheet HTML 11Page - Texas Instruments LP3905 Datasheet HTML 12Page - Texas Instruments LP3905 Datasheet HTML 13Page - Texas Instruments LP3905 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
VOUT
TIME (200 ns/DIV)
200 mA/DIV
IL
VSW
2V/DIV
10 mV/DIV
AC Coupled
VIN = 3.6V
VOUT = 1.5V
IOUT = 400 mA
LP3905
SNVS374D – JUNE 2006 – REVISED MAY 2013
www.ti.com
The output voltage is regulated by modulating the PFET switch on time to control the average current sent to the
load. The effect is identical to sending a duty-cycle modulated rectangular wave formed by the switch and
synchronous rectifier at the SW pin to a low-pass filter formed by the inductor and output filter capacitor. The
output voltage is equal to the average voltage at the SW pin.
PWM OPERATION
During PWM operation the converters operate as a voltage-mode controllers with input voltage feed forward.
This allows the converters to achieve good load and line regulation. The DC gain of the power stage is
proportional to the input voltage. To eliminate this dependence, feed forward inversely proportional to the input
voltage is introduced.
While in PWM (Pulse Width Modulation) mode, the output voltage is regulated by switching at a constant
frequency and then modulating the energy per cycle to control power to the load. At the beginning of each clock
cycle the PFET switch is turned on and the inductor current ramps up until the comparator trips and the control
logic turns off the switch. The current limit comparator can also turn off the switch in case the current limit of the
PFET is exceeded. Then the NFET switch is turned on and the inductor current ramps down. The next cycle is
initiated by the clock turning off the NFET and turning on the PFET.
Figure 7. Typical PWM Operation
Internal Synchronous Rectification
While in PWM mode, if enabled, the Bucks use an internal NFET as a synchronous rectifier to reduce rectifier
forward voltage drop and associated power loss. Synchronous rectification provides a significant improvement in
efficiency whenever the output voltage is relatively low compared to the voltage drop across an ordinary rectifier
diode.
Current Limiting
A current limit feature allows the LP3905 Bucks to protect Internal and external components during overload
conditions. PWM mode implements current limiting using an internal comparator that trips at 1000 mA (typ). If the
output is shorted to ground the device enters a timed current limit mode where the NFET is turned on for a
longer duration until the inductor current falls below a low threshold, ensuring inductor current has more time to
decay, thereby preventing runaway.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3905



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com