Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3905 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP3905
Description  LP3905 Power Management Unit For Low Power Handheld Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3905 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3905 Datasheet HTML 2Page - Texas Instruments LP3905 Datasheet HTML 3Page - Texas Instruments LP3905 Datasheet HTML 4Page - Texas Instruments LP3905 Datasheet HTML 5Page - Texas Instruments LP3905 Datasheet HTML 6Page - Texas Instruments LP3905 Datasheet HTML 7Page - Texas Instruments LP3905 Datasheet HTML 8Page - Texas Instruments LP3905 Datasheet HTML 9Page - Texas Instruments LP3905 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
LP3905
SNVS374D – JUNE 2006 – REVISED MAY 2013
www.ti.com
LDO Regulator Electrical Characteristics
(1) (2) (3)
The linear regulators have a current rating of Imax= 150mA with COUT = 1.0μF. A 100mA rating applies with COUT = 0.47μF.
Unless otherwise specified, limits are set with VIN = 3.8V, VEN1/2 = 3.8V, CIN = 1μF, COUT = 0.47μF, IOUT = 1.0mA. Limits in
standard typeface are for TJ = 25°C. Limits in boldface type apply over the full junction temperature range (−40°C ≤ TJ ≤
+125°C). Unless otherwise noted, specifications apply to the LP3905 Typical Application Circuit (Figure 1)
(1) (2) (4)
Parameter
Test Conditions
Min
Typ
Max
Units
Output Voltage Tolerance
Over Full Line and Load Regulation
−3
3
%
VIN = 3.8V to 5.5V,
ΔVOUT
Line Regulation Error
0.05
%/V
IOUT = 1mA
Load Regulation Error
IOUT = 1 mA to 100mA
0.003
%/mA
ILOAD
Load Current
See(5)(6)
0
mA
VDO
Dropout Voltage(7)
IOUT = 100mA
80
150
mV
ISC
Short Circuit Current Limit
See(8)
300
500
mA
IOUT
Maximum Output Current
COUT = 1.0μF
150
mA
f = 100Hz, IOUT = 100mA
90
f = 1kHz, IOUT = 100mA
90
PSRR
Power Supply Rejection Ratio(6)
f = 10kHz, IOUT = 100mA
60
dB
f = 50kHz, IOUT = 100mA
35
f = 100kHz, IOUT = 100mA
25
BW = 10Hz to 100kHz,
IOUT = 1mA
13.5
VIN = 4.2V
en
Output Noise Voltage(6)
Buck1 Turned ON with
μVRMS
IOUT = 100mA
15.5
ILOAD= 0mA, Buck2
Turned OFF
Transient Characteristics(6)
VIN = (VOUT(NOM) + 1.0V) to (VOUT(NOM) +
6
1.6V) in 10
μs, IOUT = 1 mA
Line Transient(6)
mV
VIN = (VOUT(NOM) + 1.6V) to (VOUT(NOM) +
6
1.0V) in 10
μs, IOUT = 1mA
IOUT = 1mA to 100mA in 10μs
-70
ΔVOUT
IOUT = 100mA to 1mA in 10μs
30
IOUT = 1mA to 150mA in 10μs
Load Transient(6)
mV
-100
COUT = 1.0μF
IOUT = 150mA to 1mA in 10μs
35
COUT = 1.0μF
Overshoot on Startup
See(6)
20
mV
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are ensured by design, test or statistical analysis. Typical numbers are not ensured, but do represent the most likely
norm.
(3)
The parameters in the electrical characteristic table are tested at VIN= 3.8V unless otherwise specified. For performance over the input
voltage range refer to datasheet curves.
(4)
CIN, COUT: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
(5)
The device maintains a stable, regulated output voltage without a load.
(6)
This specification is ensured by design.
(7)
Dropout voltage is the voltage difference between the input and the output at which the output voltage drops to 100 mV below its
nominal value.
(8)
Short Circuit Current is measured with VOUT pulled to 0v and VIN worst case = 5,5V.
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3905



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com