Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet (PDF) - Texas Instruments

AMC6821 Datasheet PDF - Texas Instruments
Part # AMC6821
Download  AMC6821 Download
File Size   1201.99 Kbytes
Page   57 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Intelligent Temperature Monitor and PWM Fan Controller

AMC6821 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC6821 Datasheet PDF - Texas Instruments

Part # AMC6821
Download  AMC6821 Click to download

File Size   1201.99 Kbytes
Page   57 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Intelligent Temperature Monitor and PWM Fan Controller

AMC6821 Datasheet (HTML) - Texas Instruments


AMC6821 Product details

1FEATURES
23456· Remote Temperature Sensor:
±2°C Accuracy, 0.125°C Resolution
· Local Temperature Sensor:
±2°C Accuracy, 0.125°C Resolution
· PWM Controller
· PWM Frequency: 10Hz to 40kHz
Duty Cycle: 0% to 100%, 8 Bits
· Automatic Fan Speed Control Loops
· SMBus Interface
· Power: 2.7V to 5.5V
· Package (Green): QSOP-16 (4mm ´ 5mm)
· RoHS Compliant

APPLICATIONS
· Notebook and Desktop PCs
· Network Servers
· Telecommunications Equipment
· PC-Based Equipment
· DLP™ and LCD Projectors

DESCRIPTION
The AMC6821 is an intelligent temperature monitor
and pulse-width modulation (PWM) fan controller. It is
designed for noise-sensitive or power-sensitive
applications that require active system cooling. Using
either a low-frequency or a high-frequency PWM signal, this device can simultaneously drive a fan,
monitor remote sensor diode temperatures, and
measure and control the fan speed so that it operates
with minimal acoustic noise at the lowest possible
speed.
The AMC6821 has three fan control modes: Auto
Temperature-Fan mode, Software-RPM mode, and
Software-DCY mode. Each mode controls the fan
speed by changing the duty cycle of a PWM output.
Auto Temperature-Fan mode is an intelligent,
closed-loop control that optimizes fan speed
according to user-defined parameters. This mode
allows the AMC6821 to run as a stand-alone device without CPU intervention; the fan can continue to be
controlled (based on temperature measurements)
even if the CPU or system locks up. Software-RPM
mode is a second closed-loop control. In this mode,
the AMC6821 adjusts the PWM output to maintain a
consistent fan speed at a user-specified target value;
that is, the device functions as a fan speed regulator.
Software-RPM mode can also be used to allow the
AMC6821 to operate as a stand-alone device. The
third mode, Software-DCY, is open-loop. In
Software-DCY mode, the PWM duty cycle is set
directly by the value written to the device.
The AMC6821 has a programmable SMBALERT
output to indicate error conditions and a dedicated
FAN-FAULT output to indicate fan failure. The
THERM pin is a fail-safe output for over-temperature
conditions that can be used to throttle a CPU clock.
Additionally, the OVR pin indicates the
over-temperature limit as well. All of the alarm
thresholds are set through the device registers. The
AMC6821 is available in a QSOP-16 package.




Similar Part No. - AMC6821

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AMC6821 BURR-BROWN-AMC6821 Datasheet
712Kb / 47P
Analog Monitor and Control Circuit
logo
Texas Instruments
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
Intelligent Temperature Monitor and PWM Fan Controller
AMC6821 TI-AMC6821 Datasheet
1Mb / 56P
Intelligent Temperature Monitor and PWM Fan Controller
AMC6821-Q1 TI1-AMC6821-Q1 Datasheet
1Mb / 54P
INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
logo
Burr-Brown (TI)
AMC6821SDBQ BURR-BROWN-AMC6821SDBQ Datasheet
712Kb / 47P
Analog Monitor and Control Circuit
More results


Similar Description - AMC6821

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1029 AD-ADM1029 Datasheet
332Kb / 48P
Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
REV.0
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
Intelligent Temperature Monitor and PWM Fan Controller
REV.0
ADM1031 AD-ADM1031 Datasheet
289Kb / 32P
Intelligent Temperature Monitor and Dual PWM Fan Controller
REV.0
EVAL-ADM1030 AD-EVAL-ADM1030 Datasheet
534Kb / 14P
Evaluation Board for ACPI Temperature Monitor and PWM Fan Controller
logo
Texas Instruments
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
Intelligent Temperature Monitor and PWM Fan Controller
logo
ON Semiconductor
ADM1029 ONSEMI-ADM1029 Datasheet
1Mb / 50P
Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
ADM1030 ONSEMI-ADM1030 Datasheet
602Kb / 29P
Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
logo
Texas Instruments
AMC6821-Q1 TI1-AMC6821-Q1 Datasheet
1Mb / 54P
INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
AMC6821SDBQG4 TI-AMC6821SDBQG4 Datasheet
1Mb / 56P
Intelligent Temperature Monitor and PWM Fan Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com