Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 9 Page - Texas Instruments

Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC6821 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 5Page - Texas Instruments AMC6821 Datasheet HTML 6Page - Texas Instruments AMC6821 Datasheet HTML 7Page - Texas Instruments AMC6821 Datasheet HTML 8Page - Texas Instruments AMC6821 Datasheet HTML 9Page - Texas Instruments AMC6821 Datasheet HTML 10Page - Texas Instruments AMC6821 Datasheet HTML 11Page - Texas Instruments AMC6821 Datasheet HTML 12Page - Texas Instruments AMC6821 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
www.ti.com
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
Table 6. Write Multiple Bytes
S
SLAVE ADDRESS
WR
ACK
COMMAND
ACK
DATA
ACK
DATA
ACK
7-bit AMC6821 slave
8-bit register address of
First 8-bit data written
Second 8-bit data written
address
first register to be written
first register
second register
DATA
ACK
...
DATA
ACK
P
Third 8-bit data written third register
Last 8-bit data
S = start condition; P = stop condition; shaded = slave to master; unshaded = master to slave; WR = write (bit value of 0).
The first register is the one to which the first data byte is written. The next register is the second register. If the
bus master continues to transfer data into the AMC6821 after writing the last location, all data are ignored until
the operation stops.
Table 7. Read Byte
S
SLAVE ADDRESS
WR
ACK
COMMAND
ACK
Sr
SLAVE ADDRESS
RD
ACK
DATA
NACK
P
7-bit AMC6821 slave
7-bit AMC6821 slave
8-bit data from
8-bit register address
address
address
register
S = start condition; P = stop condition; shaded = slave to master; unshaded = master to slave; WR = write (bit value of 0); RD = read (bit
value of 1);
NACK = not acknowledged; Sr = repeated start condition.
Table 8. Read Multiple Bytes
S
SLAVE ADDRESS
WR
ACK
COMMAND
ACK
Sr
SLAVE ADDRESS
RD
ACK
DATA
ACK
7-bit AMC6821 slave
Address of first
7-bit AMC6821 slave
8-bit data from first
address
register to be read
address
register
DATA
ACK
...
DATA
NACK
P
8-bit data from second register
Last 8-bit data
S = start condition; P = stop condition; shaded = slave to master; unshaded = master to slave; WR = write (bit value of 0); RD = read (bit
value of 1);
NACK = not acknowledged; Sr = repeated start condition.
The first register is the one from which the first data byte is transmitted. The next register is the second register.
If the bus master continues clocking data out after reading the last location (0x3F), the value 0x00 is sent out
until the operation stops.
The AMC6821 is entirely controlled by the registers. All registers are 8-bit. The AMC6821 has an address pointer
register; the value of the address pointer register determines the register to be written to or read from. To write
data to the device register or read data from it, the address pointer register must be set properly. Data can then
be written into or read from that register. The command issued by the bus master always contains the initial
value of the address pointer register. The command is constructed as shown in Table 9.
Table 9. Command Format(1)
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
0
0
ADDR5
ADDR4
ADDR3
ADDR2
ADDR1
ADDR0
(1)
ADDR[5:0] is the address of the register that is accessed first. The register address is stored in the address pointer register.
In the send byte operation, the bus master writes the address of a specified device register into the address
pointer register.
In the receive byte operation, the bus master reads the data back from the device register addressed by the
address point register.
In the write byte operation, the bus master sets the address pointer register to the address of a specified device
register, then writes 8-bit data into it. In the read byte operation, the SMBus master sets the address pointer
register to the address of a specified device register first, then reads 8-bit data back from it.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com