Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 24 Page - Texas Instruments

Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC6821 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 20Page - Texas Instruments AMC6821 Datasheet HTML 21Page - Texas Instruments AMC6821 Datasheet HTML 22Page - Texas Instruments AMC6821 Datasheet HTML 23Page - Texas Instruments AMC6821 Datasheet HTML 24Page - Texas Instruments AMC6821 Datasheet HTML 25Page - Texas Instruments AMC6821 Datasheet HTML 26Page - Texas Instruments AMC6821 Datasheet HTML 27Page - Texas Instruments AMC6821 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
www.ti.com
Fan Spin-Up
Normal
Control
DCY
100%
0
T
/3
SPIN-UP
T
SPIN-UP
33.3%
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
The PWM duty cycle controls the cooling fan speed. To spin up a fan from a stopped state or under-speed
status, the spin-up process is applied to overcome the fan inertia. During the first third of spin-up, the duty cycle
of the PWM gradually increases from 33.3% to 100%, and then maintains at 100% through the rest of the
process. At the end of the spin-up process, the duty cycle is adjusted to 33.3%. After starting, the fan speed is
controlled normally. The spin-up process is shown in Figure 24. The bits [STIME2:STIME0] (bits 2:0 of 0x20)
define the spin-up time, from 0.2 seconds to 8 seconds, as shown in Table 13. Fan speed is monitored
immediately after the spin-up process.
Spin-up is disabled by setting the FSPD bit of the Fan Characteristics Register to '1'. If disabled, the spin-up
process is not applied when the fan stops or an RPM is detected below the minimum speed. The TACH low limit
register defines the minimum speed. After power-on or reset, the FSPD bit is cleared and the spin-up is always
performed, regardless of the state of the FANS bit (bit 1 of 0x02).
Note that no FANS (fan-slow) detections are performed during spin-up. This bit is cleared ('0') only after reading
it, and reasserts '1' in the next monitoring if a fan-slow condition is detected. After spin-up, FANS is set ('1') even
if the TACH data are less than the TACH low limit until the flag is read.
Figure 24. Spin-Up Process
Table 13. Spin-Up Time
STIME2
STIME1
STIME0
SPIN-UP TIME (seconds)
0
0
0
0.2
0
0
1
0.4
0
1
0
0.6
0
1
1
0.8
1
0
0
1
1
0
1
2 (default)
1
1
0
4
1
1
1
8
24
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com