Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 41 Page - Texas Instruments

Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC6821 Datasheet(HTML) 41 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 37Page - Texas Instruments AMC6821 Datasheet HTML 38Page - Texas Instruments AMC6821 Datasheet HTML 39Page - Texas Instruments AMC6821 Datasheet HTML 40Page - Texas Instruments AMC6821 Datasheet HTML 41Page - Texas Instruments AMC6821 Datasheet HTML 42Page - Texas Instruments AMC6821 Datasheet HTML 43Page - Texas Instruments AMC6821 Datasheet HTML 44Page - Texas Instruments AMC6821 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
www.ti.com
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
In a write operation, the data written are the actual DCY driving the PWM-Out pin in the software DCY control
mode. However, in all other control modes, the data being written are not used to drive the PWM. Instead, it is
stored in a temporary register, and controls the PWM immediately after the control mode is changed to the
software DCY control mode.
Fan Characteristics Register (Address 0x20, Value After Power-On or Reset = 0x1D)
BIT
NAME
DEFAULT
DESCRIPTION
7
FSPD
0
Fan Spin Disable Bit
When FSPD = 1, the fan spin-up process is disabled.
When FSPD = 0, the fan spin-up process is enabled.
6
0
0
Reserved
5
PWM2
0
PWM Frequency Bits
4
PWM1
1
PWM2
PWM1
PWM0
PWM Frequency
3
PWM0
1
When PWM-MODE pin is floating or tied to VDD
0
0
0
10Hz
0
0
1
15Hz
0
1
0
23Hz
0
1
1
30Hz (Default)
1
0
0
38Hz
1
0
1
47Hz
1
1
0
62Hz
1
1
1
94Hz
When PWM-MODE pin is tied to GND
0
0
0
1kHz
0
0
1
10kHz
0
1
0
20kHz
0
1
1
25kHz (Default)
1
0
0
30kHz
1
0
1
40kHz
1
1
0
40kHz
1
1
1
40kHz
2
STIME2
1
Spin-Up Time Bit
Spin-Up Time
1
STIME1
0
STIME2
STIME1
STIME0
(in Seconds)
0
STIME0
1
0
0
0
0.2
0
0
1
0.4
0
1
0
0.6
0
1
1
0.8
1
0
0
1
1
0
1
2 (Default)
1
1
0
4
1
1
1
8
This register specifies the PWM frequency and the fan spin-up functions.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com