Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 20 Page - Texas Instruments

Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC6821 Datasheet(HTML) 20 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 16Page - Texas Instruments AMC6821 Datasheet HTML 17Page - Texas Instruments AMC6821 Datasheet HTML 18Page - Texas Instruments AMC6821 Datasheet HTML 19Page - Texas Instruments AMC6821 Datasheet HTML 20Page - Texas Instruments AMC6821 Datasheet HTML 21Page - Texas Instruments AMC6821 Datasheet HTML 22Page - Texas Instruments AMC6821 Datasheet HTML 23Page - Texas Instruments AMC6821 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
www.ti.com
FAN FAILURE DETECTION
DuringSpin-UpProcess
NormalOperationofFanFailure
DetectionandSpin-Up
BitFANS=0
ClearSpin-Up
TimeCounter
TACHData >LowLimit
MeasureRPM
Yes
Yes
No
No
No
No
Yes
Yes
NoSpin-UpifDisabled
BitFANS=1
Spin-UpTimeCount+1
Spin-UpProcess
Spin-UpTimeCount
5
³
Fanfailure,
pin
goeslow.
FAN-FAULT
Spin-UpDisabled?
MeasuretheRPMcontinuouslyonceevery0.25s(TACH-FAST
=1)or1s
bit
(TACH-FAST=0),
evenafterafanfailure.However,therearenoFANSdetectionsduringspin-up.
The
pinisnegatedifthefanreturnstoanormalRPMrange.
FAN-FAULT
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
When the TACH data are larger than the TACH low limit, the fan runs at a speed below the predefined minimum
RPM. When this condition occurs, a spin-up process is applied to start the fan again when spin-up is enabled.
Bits [STIME2:STIME0] of the Fan Characteristics Register define this time period. Figure 19 shows the function
of the fan failure detection. Refer to the Fan Spin-Up section.
The fan speed is measured immediately after spin-up; the TACH-FAST bit of Configuration Register 4
determines the monitoring rate. If the fan does not return to a normal range after five consecutive spin-ups, a
FAN-FAILURE occurs; the FAN-FAULT pin goes low when it is enabled (the FAN-FAULT-EN bit of Configuration
Register 1 is set), and the spin-up process continues. If the fan returns to a normal speed range before the fifth
spin-up, the FAN-FAULT pin does not go low even though the FANS bit is still set to '1'. No FANS (fan-slow)
detections are performed during spin-up. After the FAN-FAULT pin goes low, spin-up is performed indefinitely
until the RPM reading returns to within normal range or the spin-up is disabled.
Figure 19. Fan Failure Detection and Spin-Up
20
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com