Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 1 Page - Texas Instruments

Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC6821 Datasheet(HTML) 1 Page - Texas Instruments

  AMC6821 Datasheet HTML 1Page - Texas Instruments AMC6821 Datasheet HTML 2Page - Texas Instruments AMC6821 Datasheet HTML 3Page - Texas Instruments AMC6821 Datasheet HTML 4Page - Texas Instruments AMC6821 Datasheet HTML 5Page - Texas Instruments AMC6821 Datasheet HTML 6Page - Texas Instruments AMC6821 Datasheet HTML 7Page - Texas Instruments AMC6821 Datasheet HTML 8Page - Texas Instruments AMC6821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
AMC6821
BurrBrown Products
from Texas Instruments
1
FEATURES
DESCRIPTION
APPLICATIONS
Alarm
Detectors
AMC6821
FAN-FAULT
V
DD
THERM
OVR
IN+
IN-
Remote
Temperature
Sensing
Temperature
Data
MUX
On-Chip
TemperatureSensor
Ref
ADC
(11-Bit)
SMBus
I C
2
Interface
PWM
Driver
TACH-DATA
TACHCOUNTER
AutoFanSpeed
Controller
PWM-MODE
PWM-Out
TACH
A0
A1
SCLK
SDA
SMBALERT
GND
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
Intelligent Temperature Monitor and PWM Fan Controller
23456
• Remote Temperature Sensor:
The AMC6821 is an intelligent temperature monitor
±2
°C Accuracy, 0.125°C Resolution
and pulse-width modulation (PWM) fan controller. It is
designed
for
noise-sensitive
or
power-sensitive
• Local Temperature Sensor:
applications that require active system cooling. Using
±2
°C Accuracy, 0.125°C Resolution
either a low-frequency or a high-frequency PWM
• PWM Controller
signal, this device can simultaneously drive a fan,
• PWM Frequency: 10Hz to 40kHz
monitor remote sensor diode temperatures, and
Duty Cycle: 0% to 100%, 8 Bits
measure and control the fan speed so that it operates
with minimal acoustic noise at the lowest possible
• Automatic Fan Speed Control Loops
speed.
• SMBus Interface
The AMC6821 has three fan control modes: Auto
• Power: 2.7V to 5.5V
Temperature-Fan mode, Software-RPM mode, and
• Package (Green): QSOP-16 (4mm × 5mm)
Software-DCY mode. Each mode controls the fan
• RoHS Compliant
speed by changing the duty cycle of a PWM output.
Auto
Temperature-Fan
mode
is
an
intelligent,
closed-loop
control
that
optimizes
fan
speed
according to user-defined parameters. This mode
• Notebook and Desktop PCs
allows the AMC6821 to run as a stand-alone device
• Network Servers
without CPU intervention; the fan can continue to be
• Telecommunications Equipment
controlled (based on temperature measurements)
even if the CPU or system locks up. Software-RPM
• PC-Based Equipment
mode is a second closed-loop control. In this mode,
• DLP™ and LCD Projectors
the AMC6821 adjusts the PWM output to maintain a
consistent fan speed at a user-specified target value;
that is, the device functions as a fan speed regulator.
Software-RPM mode can also be used to allow the
AMC6821 to operate as a stand-alone device. The
third
mode,
Software-DCY,
is
open-loop.
In
Software-DCY mode, the PWM duty cycle is set
directly by the value written to the device.
The AMC6821 has a programmable SMBALERT
output to indicate error conditions and a dedicated
FAN-FAULT output to indicate fan failure. The
THERM pin is a fail-safe output for over-temperature
conditions that can be used to throttle a CPU clock.
Additionally,
the
OVR
pin
indicates
the
over-temperature limit as well. All of the alarm
thresholds are set through the device registers. The
AMC6821 is available in a QSOP-16 package.
Patents 7, 083,328 and 7,098,617.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DLP is a trademark of Texas Instruments.
3
Pentium M, Pentium-IV are trademarks of Intel.
4
JMC is a trademark of JMC Products.
5
I2C is a trademark of Philips International, Inc.
6
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - AMC6821

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AMC6821 BURR-BROWN-AMC6821 Datasheet
712Kb / 47P
Analog Monitor and Control Circuit
logo
Texas Instruments
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
Intelligent Temperature Monitor and PWM Fan Controller
AMC6821 TI-AMC6821 Datasheet
1Mb / 56P
Intelligent Temperature Monitor and PWM Fan Controller
AMC6821-Q1 TI1-AMC6821-Q1 Datasheet
1Mb / 54P
INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
logo
Burr-Brown (TI)
AMC6821SDBQ BURR-BROWN-AMC6821SDBQ Datasheet
712Kb / 47P
Analog Monitor and Control Circuit
More results

Similar Description - AMC6821

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1029 AD-ADM1029 Datasheet
332Kb / 48P
Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
REV.0
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
Intelligent Temperature Monitor and PWM Fan Controller
REV.0
ADM1031 AD-ADM1031 Datasheet
289Kb / 32P
Intelligent Temperature Monitor and Dual PWM Fan Controller
REV.0
EVAL-ADM1030 AD-EVAL-ADM1030 Datasheet
534Kb / 14P
Evaluation Board for ACPI Temperature Monitor and PWM Fan Controller
logo
Texas Instruments
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
Intelligent Temperature Monitor and PWM Fan Controller
logo
ON Semiconductor
ADM1029 ONSEMI-ADM1029 Datasheet
1Mb / 50P
Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
ADM1030 ONSEMI-ADM1030 Datasheet
602Kb / 29P
Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
logo
Texas Instruments
AMC6821-Q1 TI1-AMC6821-Q1 Datasheet
1Mb / 54P
INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
AMC6821SDBQG4 TI-AMC6821SDBQG4 Datasheet
1Mb / 56P
Intelligent Temperature Monitor and PWM Fan Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com