Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 10 Page - Texas Instruments

Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC6821 Datasheet(HTML) 10 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 6Page - Texas Instruments AMC6821 Datasheet HTML 7Page - Texas Instruments AMC6821 Datasheet HTML 8Page - Texas Instruments AMC6821 Datasheet HTML 9Page - Texas Instruments AMC6821 Datasheet HTML 10Page - Texas Instruments AMC6821 Datasheet HTML 11Page - Texas Instruments AMC6821 Datasheet HTML 12Page - Texas Instruments AMC6821 Datasheet HTML 13Page - Texas Instruments AMC6821 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
www.ti.com
SMBus ALERT RESPONSE ADDRESS (ARA)
POWER-ON RESET AND START OPERATION
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
In the write multiple bytes operation, the address pointer of the AMC6821 increments by '1' after the data are
written, until it reaches the last register address (0x3F). If the host continues to transfer data into the AMC6821
after writing the last location, all data are ignored until the operation stops. When reading multiple bytes, the
address pointer of the AMC6821 increments by '1' after transmitting the data until it reaches the last register
address (0x3F). If the host continues clocking data out after reading the last location, the value 0x00 is sent out
until the operation stops.
The alert response address is a feature of SMBus devices that allows an interrupting device to identify itself to
the host when multiple devices issue simultaneous interrupts. The SMBALERT pin is an open-drain interrupt
output pin. When the AMC6821 issues an interrupt request, the following procedure occurs:
1. SMBALERT is pulled low.
2. The bus master sends an alert response address or ARA (ARA = 0001100), and initiates a read operation,
as shown in Table 10.
3. The AMC6821 responds to the ARA by sending its slave address back. The 7-bit device slave address is
placed in the seven most significant bits of the byte; the last bit is '0'.
4. The master receives the AMC6821 slave address and starts the interrupt service.
5. If more than one device pulls the SMBus low, the highest priority (lowest slave address) device wins the
communication right via standard arbitration during the slave address transfer (refer to the SMBus
specification version 2.0 for details).
6. To service the interrupt request of the AMC6821, the master must read the status register. Most interrupt
source bits in the status registers are cleared after reading the status register, and are reasserted if the error
condition still exists on the next monitoring cycle. The SMBALERT only clears if the interrupt has been
resolved.
Table 10. ARA Operation
S
ALERT RESPONSE ADDRESS
RD
ACK
DATA
NACK
P
0001100
7-bit MSB: slave address of AMC6821 LSB = 0
S = start condition; P = stop condition; shaded = slave to master; unshaded = master to slave; RD = read (bit value of 1); NACK = not
acknowledged.
After power-on, all registers are set to the power-on default values. The device does not perform any monitoring
functions until the START bit of Configuration Register 1 is set ('1'). No detections are executed until the first
monitoring cycle is completed, and all measurement data registers (such as remote and local temp-data registers
and the TACH data register) are updated with the new measured value. No interrupt signals are generated until
the first cycle of monitoring and detection is completed. This process avoids any false alarms caused by the
power-on default setting.
After power-on, the fan spin-up process is performed. At the end of spin-up, the duty cycle of the PWM driver is
adjusted to 33%. (Refer to the Fan Spin-Up section for details). Device status after software reset is similar to
power-on reset.
10
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com