Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 6 Page - Texas Instruments

Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC6821 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 2Page - Texas Instruments AMC6821 Datasheet HTML 3Page - Texas Instruments AMC6821 Datasheet HTML 4Page - Texas Instruments AMC6821 Datasheet HTML 5Page - Texas Instruments AMC6821 Datasheet HTML 6Page - Texas Instruments AMC6821 Datasheet HTML 7Page - Texas Instruments AMC6821 Datasheet HTML 8Page - Texas Instruments AMC6821 Datasheet HTML 9Page - Texas Instruments AMC6821 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
-40
RemoteTemperature( C)
°
3
2
1
0
-1
-2
-3
-20
0
20
40
60
80
100
120
RemoteError,V
=3V
DD
RemoteError,V
=5V
DD
-40
LocalTemperature( C)
°
3
2
1
0
-1
-2
-3
-20
0
20
40
60
80
100
V
=3V
DD
V
=5V
DD
0
Frequency(MHz)
20
15
10
5
0
-5
-10
-15
-20
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
250mV
PP
100mV
PP
10k
Frequency(Hz)
5
4
3
2
1
0
-1
-2
-3
-4
-5
100k
1M
10M
100M
50mV
PP
20mV
PP
2.7
V
(V)
DD
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
3.3
3.9
4.5
5.1
-40
Temperature( C)
°
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100
120
I
3V(mA)
DD
I
5V(mA)
DD
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
At TA = +25°C and VDD = 5V, unless otherwise noted.
REMOTE CHANNEL ERROR vs REMOTE TEMPERATURE
LOCAL CHANNEL ERROR FROM CALIBRATED BATH
Figure 2.
Figure 3.
TEMPERATURE ERROR vs
TEMPERATURE ERROR vs
POWER-SUPPLY NOISE FREQUENCY
COMMON-MODE NOISE FREQUENCY
Figure 4.
Figure 5.
SUPPLY CURRENT vs VDD
SUPPLY CURRENT vs TEMPERATURE
Figure 6.
Figure 7.
6
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com