Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 29 Page - Texas Instruments

Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC6821 Datasheet(HTML) 29 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 25Page - Texas Instruments AMC6821 Datasheet HTML 26Page - Texas Instruments AMC6821 Datasheet HTML 27Page - Texas Instruments AMC6821 Datasheet HTML 28Page - Texas Instruments AMC6821 Datasheet HTML 29Page - Texas Instruments AMC6821 Datasheet HTML 30Page - Texas Instruments AMC6821 Datasheet HTML 31Page - Texas Instruments AMC6821 Datasheet HTML 32Page - Texas Instruments AMC6821 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
www.ti.com
ReadLocal
Temperature
No
Yes
LTH=1,
LTO=1
Yes
No
No
Temperature ³
Local-Critical-Temp
LTC=1,
isLow
OVR
LTL=1,
LTO=1
Yes
RTL=1,
RTO=1
Yes
ReadRemote
Temperature
RTH=1,
RTO=1
Yes
No
RTC=1,
OVR isLow
Yes
No
No
(UpdateDCYwiththeratedefinedbythe
bits[RATE2:
0]oftheDCYrampregister.
RATE
Temperature ³
Remote-Critical-Temp
Temperature ³
Remote-High-Temp-Limit
Temperature £
Local-Low-Temp-Limit
Temperature ³
Local-High-Temp-Limit
Temperature £
Remote-Low-Temp-Limit
CalculateNewDCYfortheRemote
FanTemperatureControl
Yes
CalculateDCYfortheremotefantemperaturecontrol
andlocalfantemperaturecontrol,respectively.
UsethelargeroneasthenewDCY.
No
RemoteFanTemperatureControlMode
UpdateDCY
(RemoteFanTemperatureControl)
(Maximumfastspeedcalculatedcontrol)
UpdateDCY?
Yes
No
ThetemperatureupdatingratemaybefasterthantheDCYupdatingrate.
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
When the actual duty cycle is different from the desired value, the duty cycle is adjusted automatically. When the
RAMPE bit of the DCY-RAMP Register is cleared ('0'), the duty cycle changes to the desired value immediately
after being calculated. When the RAMPE bit is '1', the duty cycle changes to the new value gradually.
The DCY-RAMP Register specifies how quickly the duty cycle changes. The duty cycle can be checked every
0.0625 second to every eight seconds, depending on the bits [RATE2:RATE0] bits. It changes 1/255(0.392%) to
4/255 (1.57%) each time, depending on the bits [STEP1:STEP0] bits. When the difference between the actual
value and the target value is equal to or less than the adjustment threshold (as defined by the bits
[THRE1:THRE0] bits), the adjustment finishes. See the DCY-RAMP Register for details. When the TACH
monitoring is enabled (TACH-EN bit, bit 2 of 0x02, is set to '1') and the TACH-MODE bit (bit 1 of 0x02) is cleared
('0'), the duty cycle is forced to 0% when the calculated value is less than 7%. If the TACH monitoring is disabled
(TACH-EN = 0) or the TACH-MODE bit is set ('1'), the duty cycle is always set to the calculated value even if the
value is less than 7%.
Figure 29. Temperature Monitoring Flow Chart
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com