Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 45 Page - Texas Instruments

Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC6821 Datasheet(HTML) 45 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 41Page - Texas Instruments AMC6821 Datasheet HTML 42Page - Texas Instruments AMC6821 Datasheet HTML 43Page - Texas Instruments AMC6821 Datasheet HTML 44Page - Texas Instruments AMC6821 Datasheet HTML 45Page - Texas Instruments AMC6821 Datasheet HTML 46Page - Texas Instruments AMC6821 Datasheet HTML 47Page - Texas Instruments AMC6821 Datasheet HTML 48Page - Texas Instruments AMC6821 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
www.ti.com
TEMPERATURE DATA REGISTERS
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
Updating Rate Bits: [RATE2:RATE0]
These bits define the rate (time/sec) that the duty cycle is recalculated in the auto temp-fan control mode. The
value of [RATE2:RATE0] does not affect the ADC conversion rate. Both external and local temperature readings
are updated continuously, even if the DCY is updated slowly.
The RPM monitoring rate and DCY updating rate in the software RPM control mode are specified by the
TACH-FAST bit of Configuration Register 3. The [RATE2:RATE0] bits are ignored in this mode.
Adjustment Threshold Bits: [THRE1:THRE0]
These bits determine the threshold of the duty cycle adjustment in the auto temp-fan control mode, and are
ignored in all other modes. When the auto fan temperature control loop is active, the duty cycle is not adjusted if
the required adjustment is less than or equal to the threshold defined by bits [THRE1:THRE0]. This provides a
hysteresis to improve the control stability. For example, if the current duty cycle is 50% and the desired value is
71%, the total required increment is 21%. If the step is 4/256 and the threshold is 2/256 (0.78%), the duty cycle
reaches 70.31% after 13 updates, 0.6875% less than the desired value. This difference is less than the threshold
(0.78%); therefore, the adjustment stops. However, if the threshold is 1/256 (0.39%), then one more update
occurs, and the duty cycle increases by 0.39% (1LSB) because 0.39% (1LSB) < 0.6875% < 0.78% (2LSB).
Finally, the duty cycle reaches 70.7%, 0.3% less than the desired value because of the limitation of 8-bit
resolution.
Note that bits [THRE1:THRE0] are ignored in the software RPM control. In this mode, the DCY adjustment stops
when the difference between the TACH data and TACH setting is less than or equal to 0x000A.
Local Temperature Data Register Bits: [LT10:LT0]
Bits [LT10:LT0] are the newest local temperature reading.
Remote Temperature Register Bits: [RT10:RT0]
Bits [RT10:RT0] are the newest remote temperature reading.
Temp-DATA-LByte Register (Address 0x06, Value After Power-On or Reset = 0x00)
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
LT2
LT1
LT0 (LSB)
0
0
RT2
RT1
RT0
Bits [LT2:LT0] are the three LSBs of the newest local temperature reading.
Bits [RT2:RT0] are the three LSBs of the newest remote temperature reading.
Local-Temp-DATA-HByte Register (Address 0x0A, Value After Power-On or Reset = 0x80, –128
°C)
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
LT10 (MSB)
LT9
LT8
LT7
LT6
LT5
LT4
LT3
Bits [LT10:LT3] are the eight MSBs of the newest local temperature reading.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com