Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 49 Page - Texas Instruments

Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC6821 Datasheet(HTML) 49 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 45Page - Texas Instruments AMC6821 Datasheet HTML 46Page - Texas Instruments AMC6821 Datasheet HTML 47Page - Texas Instruments AMC6821 Datasheet HTML 48Page - Texas Instruments AMC6821 Datasheet HTML 49Page - Texas Instruments AMC6821 Datasheet HTML 50Page - Texas Instruments AMC6821 Datasheet HTML 51Page - Texas Instruments AMC6821 Datasheet HTML 52Page - Texas Instruments AMC6821 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
www.ti.com
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
TACH Low Limit Register
TACH-Low-Limit-LByte Register (Address 0x10, Power-On Default = 0xFF)
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
TACH-Low-Limit7
TACH-Low-Limit6
TACH-Low-Limit5
TACH-Low-Limit4
TACH-Low-Limit3
TACH-Low-Limit2
TACH-Low-Limit1
TACH-Low-Limit0
TACH-Low-Limit-HByte Register (Address 0x11, Power-On Default = 0xFF)
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
TACH-Low-
TACH-Low-
TACH-Low-
TACH-Low-
TACH-Low-
TACH-Low-
TACH-Low-
TACH-Low-
Limit15
Limit14
Limit13
Limit12
Limit11
Limit10
Limit9
Limit8
Bits [TACH-Low-Limit15:TACH-Low-Limit0] are the value that corresponds to the predetermined minimum
allowable fan speed (RPM). If the value of the TACH data register is greater than this bound, the fan speed is
below the minimum allowed RPM.
TACH High Limit Register
TACH-High-Limit-LByte Register (Address 0x12, Power-On Default = 0x00)
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
TACH-High-Limit7 TACH-High-Limit6 TACH-High-Limit5 TACH-High-Limit4 TACH-High-Limit3 TACH-High-Limit2 TACH-High-Limit1 TACH-High-Limit0
TACH-High-Limit-HByte Register (Address 0x13, Power-On Default = 0x00)
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
TACH-High-
TACH-High-
TACH-High-
TACH-High-
TACH-High-
TACH-High-
TACH-High-Limit9 TACH-High-Limit8
Limit15
Limit14
Limit13
Limit12
Limit11
Limit10
Bits [TACH-High-Limit15:TACH-High-Limit0] are the value that corresponds to the predetermined maximum
allowable fan speed (RPM). If the value of the TACH data register is smaller than this bound, the fan speed is
above the maximum allowed RPM.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com