Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 12 Page - Texas Instruments

Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC6821 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 8Page - Texas Instruments AMC6821 Datasheet HTML 9Page - Texas Instruments AMC6821 Datasheet HTML 10Page - Texas Instruments AMC6821 Datasheet HTML 11Page - Texas Instruments AMC6821 Datasheet HTML 12Page - Texas Instruments AMC6821 Datasheet HTML 13Page - Texas Instruments AMC6821 Datasheet HTML 14Page - Texas Instruments AMC6821 Datasheet HTML 15Page - Texas Instruments AMC6821 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
www.ti.com
APPLICATION INFORMATION
ADC CONVERTER
ADC
Digital
Filter
LPFand
SignalConditioning
Data
Registers
60kHz
TEMPERATURE SENSOR
DVBE +
KT
q
In(N)
(1)
ADCand
Signal
Processing
Local
Temperature
Registers
LPFand
SignalConditioning
SW1
SW2
I
1
I
2
Diode
Temperature
Sensor
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
The AMC6821 has an 11-bit, on-chip analog-to-digital converter (ADC), as shown in Figure 11. This ADC
converts the analog input into digital format. The analog input is passed through front-end signal conditioning
circuitry to remove the noise. The resulting signal is then converted by the ADC. To further reduce the effects of
noise, digital filtering is performed by averaging the results of 32 measurement cycles. After digital filtering, the
newest result is stored in the temperature data register (low byte and high byte) in two’s complement format. The
ADC stops when the START bit of Configuration Register 1 is cleared ('0') and runs when START = 1.
Figure 11. On-Chip Analog-to-Digital Converter
The AMC6821 has an integrated temperature sensor (shown in Figure 12) to measure the ambient temperature,
and one remote diode sensor (such as a Pentium thermal diode) input to measure external (CPU) temperature.
The measurement relies on the characteristics of a semiconductor junction operation at a fixed current level. The
forward voltage of the diode (VBE) depends on the current through it and the ambient temperature. The change in
VBE when the diode is operated at two different currents, I1 and I2, is shown in Equation 1:
Where:
k
is Boltzmann’s constant,
q
is the charge of the carrier,
T
is the absolute temperature in degrees Kelvin, and
N
is the ratio of the two currents.
Figure 12. Integrated Local Temperature Sensor
12
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com