Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8828 Datasheet (PDF) - Texas Instruments

DRV8828 Datasheet PDF - Texas Instruments
Part # DRV8828
Download  DRV8828 Download
File Size   1165.98 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8828 H-Bridge Motor Controller IC

DRV8828 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8828 Datasheet PDF - Texas Instruments

Part # DRV8828
Download  DRV8828 Click to download

File Size   1165.98 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8828 H-Bridge Motor Controller IC

DRV8828 Datasheet (HTML) - Texas Instruments


DRV8828 Product details

1 Features
1• Single H-Bridge Current-Control Motor Driver
• 8.2-V to 45-V Operating Supply Voltage Range
• Capable of Driving One Winding of a Bipolar
Stepper Motor or One DC Motor
• Five Bit Current Control Allows up to 32 Current
Levels
• Low MOSFET RDS(on) Typical 0.65 Ω (HS + LS)
• 3-A Maximum Drive Current at 24 V, 25°C
• Built In 3.3-V Reference Output
• Parallel Digital Control Interface
• Thermal Enhanced Surface Mount Package
• Protection Features
– Overcurrent Protection (OCP)
– Thermal Shutdown (TSD)
– VM Undervoltage Lockout (UVLO)
– Fault Condition Indication Pin (nFAULT)

2 Applications
• Automatic Teller Machines
• Money Handling Machines
• Video Security Cameras
• Printers
• Scanners
• Office Automation Machines
• Gaming Machines
• Factory Automation
• Robotics

3 Description
The DRV8828 provides an integrated motor driver
solution for printers, scanners, and other automated equipment applications. The device has one H-bridge
driver, and can drive one winding of a bipolar stepper
motor or one DC motor. The output driver block
consists of N-channel power MOSFET’s configured
as a full H-bridge to drive the motor winding. The
DRV8828 is capable of driving up to 3-A of output
current (with proper heatsinking at 24 V and 25°C).
A simple parallel digital control interface is compatible
with industry-standard devices. Decay mode is
programmable.
Internal shutdown functions are provided for
overcurrent protection, short circuit protection,
undervoltage lockout and overtemperature.
The DRV8828 is available in a 28-pin HTSSOP
package with PowerPAD™ (Eco-friendly: RoHS & no
Sb/Br).




Similar Part No. - DRV8828

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8828 TI1-DRV8828 Datasheet
710Kb / 17P
H-BRIDGE MOTOR CONTROLLER IC
DRV8828PWP TI1-DRV8828PWP Datasheet
710Kb / 17P
H-BRIDGE MOTOR CONTROLLER IC
DRV8828PWPR TI1-DRV8828PWPR Datasheet
710Kb / 17P
H-BRIDGE MOTOR CONTROLLER IC
DRV8828 TI-DRV8828_15 Datasheet
900Kb / 21P
H-BRIDGE MOTOR CONTROLLER IC
More results


Similar Description - DRV8828

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8813 TI1-DRV8813 Datasheet
838Kb / 18P
DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8828 TI1-DRV8828 Datasheet
710Kb / 17P
H-BRIDGE MOTOR CONTROLLER IC
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
H-BRIDGE MOTOR DRIVER IC
DRV8812 TI1-DRV8812_13 Datasheet
1Mb / 22P
DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8812 TI1-DRV8812 Datasheet
1Mb / 22P
DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8812 TI1-DRV8812_14 Datasheet
1Mb / 23P
DUAL-BRIDGE MOTOR CONTROLLER IC
logo
HuaXinAn Electronics CO...
AP1014AEC HUAXINAN-AP1014AEC Datasheet
456Kb / 13P
Dual H-Bridge Motor Driver IC
AP1016AEN HUAXINAN-AP1016AEN Datasheet
547Kb / 16P
Dual H-Bridge Motor Driver IC
logo
Texas Instruments
DRV8812 TI-DRV8812_15 Datasheet
1Mb / 22P
DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8828 TI-DRV8828_15 Datasheet
900Kb / 21P
H-BRIDGE MOTOR CONTROLLER IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com