Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8828 Datasheet(PDF) 1 Page - Texas Instruments

Part # DRV8828
Description  DRV8828 H-Bridge Motor Controller IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8828 Datasheet(HTML) 1 Page - Texas Instruments

  DRV8828 Datasheet HTML 1Page - Texas Instruments DRV8828 Datasheet HTML 2Page - Texas Instruments DRV8828 Datasheet HTML 3Page - Texas Instruments DRV8828 Datasheet HTML 4Page - Texas Instruments DRV8828 Datasheet HTML 5Page - Texas Instruments DRV8828 Datasheet HTML 6Page - Texas Instruments DRV8828 Datasheet HTML 7Page - Texas Instruments DRV8828 Datasheet HTML 8Page - Texas Instruments DRV8828 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
8 to 45 V
DRV8828
H-Bridge
Motor Driver
ENBL
PHASE
nFAULT
Current
Control
Current Control
3 A
Decay Mode
+
-
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DRV8828
SLVSA11G – OCTOBER 2009 – REVISED NOVEMBER 2015
DRV8828 H-Bridge Motor Controller IC
1 Features
3 Description
The DRV8828 provides an integrated motor driver
1
•
Single H-Bridge Current-Control Motor Driver
solution for printers, scanners, and other automated
•
8.2-V to 45-V Operating Supply Voltage Range
equipment applications. The device has one H-bridge
•
Capable of Driving One Winding of a Bipolar
driver, and can drive one winding of a bipolar stepper
Stepper Motor or One DC Motor
motor or one DC motor. The output driver block
consists of N-channel power MOSFET’s configured
•
Five Bit Current Control Allows up to 32 Current
as a full H-bridge to drive the motor winding. The
Levels
DRV8828 is capable of driving up to 3-A of output
•
Low MOSFET RDS(on) Typical 0.65 Ω (HS + LS)
current (with proper heatsinking at 24 V and 25°C).
•
3-A Maximum Drive Current at 24 V, 25°C
A simple parallel digital control interface is compatible
•
Built In 3.3-V Reference Output
with
industry-standard
devices.
Decay
mode
is
•
Parallel Digital Control Interface
programmable.
•
Thermal Enhanced Surface Mount Package
Internal
shutdown
functions
are
provided
for
•
Protection Features
overcurrent
protection,
short
circuit
protection,
undervoltage lockout and overtemperature.
–
Overcurrent Protection (OCP)
The DRV8828 is available in a 28-pin HTSSOP
–
Thermal Shutdown (TSD)
package with PowerPAD™ (Eco-friendly: RoHS & no
–
VM Undervoltage Lockout (UVLO)
Sb/Br).
–
Fault Condition Indication Pin (nFAULT)
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Automatic Teller Machines
DRV8828
HTSSOP (28)
9.70 mm x 4.40 mm
•
Money Handling Machines
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
•
Video Security Cameras
•
Printers
•
Scanners
•
Office Automation Machines
•
Gaming Machines
•
Factory Automation
•
Robotics
Simplified Device Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DRV8828

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8828 TI1-DRV8828 Datasheet
710Kb / 17P
H-BRIDGE MOTOR CONTROLLER IC
DRV8828PWP TI1-DRV8828PWP Datasheet
710Kb / 17P
H-BRIDGE MOTOR CONTROLLER IC
DRV8828PWPR TI1-DRV8828PWPR Datasheet
710Kb / 17P
H-BRIDGE MOTOR CONTROLLER IC
DRV8828 TI-DRV8828_15 Datasheet
900Kb / 21P
H-BRIDGE MOTOR CONTROLLER IC
More results

Similar Description - DRV8828

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8813 TI1-DRV8813 Datasheet
838Kb / 18P
DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8828 TI1-DRV8828 Datasheet
710Kb / 17P
H-BRIDGE MOTOR CONTROLLER IC
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
H-BRIDGE MOTOR DRIVER IC
DRV8812 TI1-DRV8812_13 Datasheet
1Mb / 22P
DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8812 TI1-DRV8812 Datasheet
1Mb / 22P
DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8812 TI1-DRV8812_14 Datasheet
1Mb / 23P
DUAL-BRIDGE MOTOR CONTROLLER IC
logo
HuaXinAn Electronics CO...
AP1014AEC HUAXINAN-AP1014AEC Datasheet
456Kb / 13P
Dual H-Bridge Motor Driver IC
AP1016AEN HUAXINAN-AP1016AEN Datasheet
547Kb / 16P
Dual H-Bridge Motor Driver IC
logo
Texas Instruments
DRV8812 TI-DRV8812_15 Datasheet
1Mb / 22P
DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8828 TI-DRV8828_15 Datasheet
900Kb / 21P
H-BRIDGE MOTOR CONTROLLER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com