Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8828 Datasheet(PDF) 14 Page - Texas Instruments

Part # DRV8828
Description  DRV8828 H-Bridge Motor Controller IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8828 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DRV8828 Datasheet HTML 10Page - Texas Instruments DRV8828 Datasheet HTML 11Page - Texas Instruments DRV8828 Datasheet HTML 12Page - Texas Instruments DRV8828 Datasheet HTML 13Page - Texas Instruments DRV8828 Datasheet HTML 14Page - Texas Instruments DRV8828 Datasheet HTML 15Page - Texas Instruments DRV8828 Datasheet HTML 16Page - Texas Instruments DRV8828 Datasheet HTML 17Page - Texas Instruments DRV8828 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
(
)
TRIP
SENSE
VREF
I
5
R
=
´
DRV8828
SLVSA11G – OCTOBER 2009 – REVISED NOVEMBER 2015
www.ti.com
Typical Application (continued)
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 3
Table 3. Design Parameters
PARAMETER
REFERENCE
VALUE
Supply Voltage
VM
24 V
Motor Winding Resistance
RM
3.9 Ohm
Motor Winding Inductance
LM
2.9 mH
Target Chopping Current
ITRIP
1.5 A
Sense Resistor
RSENSE
200 m
Ω
VREF Voltage
VREF
1.5 V
8.2.2 Detailed Design Procedure
8.2.2.1 Current Regulation
The maximum current (ITRIP) is set by the Ix pins, the VREF analog voltage, and the sense resistor value
(RSENSE). When starting a brushed DC motor, a large inrush current may occur because there is no back-EMF
and high detent torque. Current regulation will act to limit this inrush current and prevent high current on start-up.
(2)
Example - If the desired chopping current is 1.5 A:
•
Set RSENSE = 200 mΩ
•
VREF would have to be 1.5 V
•
Create a resistor divider network from V3P3OUT (3.3 V) to set VREF = 1.5 V
•
Set R2 = 10 k
Ω and set R1 = 12 kΩ
8.2.2.2 Sense Resistor
For optimal performance, it is important for the sense resistor to be:
•
Surface-mount
•
Low inductance
•
Rated for high enough power
•
Placed closely to the motor driver
The power dissipated by the sense resistor equals Irms² x R. For example, if the RMS motor current is 1.5 A and
a 200 m
Ω sense resistor is used, the resistor will dissipate 1.5 A² × 0.2 Ω = 0.3 W. The power quickly increases
with greater current levels.
Resistors typically have a rated power within some ambient temperature range, along with a de-rated power
curve for high ambient temperatures. When a PCB is shared with other components generating heat, margin
should be added. It is always best to measure the actual sense resistor temperature in a final system, along with
the power MOSFETs, as those are often the hottest components.
Because power resistors are larger and more expensive than standard resistors, it is common practice to use
multiple standard resistors in parallel, between the sense node and ground. This distributes the current and heat
dissipation.
14
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: DRV8828



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com