Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8828 Datasheet(PDF) 3 Page - Texas Instruments

Part # DRV8828
Description  DRV8828 H-Bridge Motor Controller IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8828 Datasheet(HTML) 3 Page - Texas Instruments

  DRV8828 Datasheet HTML 1Page - Texas Instruments DRV8828 Datasheet HTML 2Page - Texas Instruments DRV8828 Datasheet HTML 3Page - Texas Instruments DRV8828 Datasheet HTML 4Page - Texas Instruments DRV8828 Datasheet HTML 5Page - Texas Instruments DRV8828 Datasheet HTML 6Page - Texas Instruments DRV8828 Datasheet HTML 7Page - Texas Instruments DRV8828 Datasheet HTML 8Page - Texas Instruments DRV8828 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
DRV8828
www.ti.com
SLVSA11G – OCTOBER 2009 – REVISED NOVEMBER 2015
5 Pin Configuration and Functions
PWP Package
28-Pin HTSSOP With Thermal Pad
Top View
Pin Functions
PIN
EXTERNAL COMPONENTS
I/O(1)
DESCRIPTION
OR CONNECTIONS
NAME
NO.
POWER AND GROUND
GND
14, 28
-
Device ground
Connect to motor supply (8 - 45 V). Both pins
VM
4, 11
-
Bridge power supply
must be connected to same supply.
Bypass to GND with a 0.47-
μF 6.3-V ceramic
V3P3OUT
15
O
3.3-V regulator output
capacitor. Can be used to supply VREF.
CP1
1
I/O
Charge pump flying capacitor
Connect a 0.01-
μF 50-V capacitor between CP1
and CP2.
CP2
2
I/O
Charge pump flying capacitor
Connect a 0.1-
μF 16-V ceramic capacitor and a
VCP
3
I/O
High-side gate drive voltage
1-M
Ω resistor to VM.
CONTROL
ENBL
21
I
Bridge enable
Logic high to enable H-bridge. Internal pulldown.
Logic high sets OUT1 high, OUT2 low. Internal
PHASE
20
I
Bridge phase (direction)
pulldown.
I0
23
I
I1
24
I
Sets winding current as a percentage of full-scale.
I2
25
I
Current set inputs
Internal pulldown.
I3
26
I
I4
27
I
Low = slow decay, open = mixed decay,
DECAY
19
I
Decay mode
high = fast decay
Internal pulldown and pullup.
Active-low reset input initializes internal logic and
nRESET
16
I
Reset input
disables the H-bridge outputs. Internal pulldown.
Reference voltage for winding current set. Both
pins must be connected together on the PCB. A
VREF
12, 13
I
Current set reference input
0.01-µF bypass capacitor to GND is
recommended.
Logic high to enable device, logic low to enter low-
nSLEEP
17
I
Sleep mode input
power sleep mode. Internal pulldown.
NC
22
No connect
Leave this pin unconnected.
(1)
Directions: I = input, O = output, OZ = tri-state output, OD = open-drain output, IO = input/output
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DRV8828



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com