Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8828 Datasheet(PDF) 5 Page - Texas Instruments

Part # DRV8828
Description  DRV8828 H-Bridge Motor Controller IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8828 Datasheet(HTML) 5 Page - Texas Instruments

  DRV8828 Datasheet HTML 1Page - Texas Instruments DRV8828 Datasheet HTML 2Page - Texas Instruments DRV8828 Datasheet HTML 3Page - Texas Instruments DRV8828 Datasheet HTML 4Page - Texas Instruments DRV8828 Datasheet HTML 5Page - Texas Instruments DRV8828 Datasheet HTML 6Page - Texas Instruments DRV8828 Datasheet HTML 7Page - Texas Instruments DRV8828 Datasheet HTML 8Page - Texas Instruments DRV8828 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
DRV8828
www.ti.com
SLVSA11G – OCTOBER 2009 – REVISED NOVEMBER 2015
6.4 Thermal Information
DRV8828
THERMAL METRIC(1)
PWP (HTSSOP)
UNIT
28 PINS
RθJA
Junction-to-ambient thermal resistance
38.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
23.3
°C/W
RθJB
Junction-to-board thermal resistance
21.2
°C/W
ψJT
Junction-to-top characterization parameter
0.8
°C/W
ψJB
Junction-to-board characterization parameter
20.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES
IVM
VM operating supply current
VM = 24 V, fPWM < 50 kHz
5
8
mA
IVMQ
VM sleep mode supply current
VM = 24 V
10
20
μA
VUVLO
VM undervoltage lockout voltage
VM rising
7.8
8.2
V
V3P3OUT REGULATOR
IOUT = 0 to 1 mA, VM = 24 V, TJ = 25°C
3.18
3.30
3.42
V
V3P3
V3P3OUT voltage
IOUT = 0 to 1 mA
3.10
3.30
3.50
V
LOGIC-LEVEL INPUTS
VIL
Input low voltage
0.6
0.7
V
VIH
Input high voltage
2
5.25
V
VHYS
Input hysteresis
0.45
V
IIL
Input low current
VIN = 0
–20
20
μA
IIH
Input high current
VIN = 3.3 V
100
μA
ENBL, PHASE, I0, I1, I2, I3, I4, nRESET
100
k
Ω
RPD
Internal pulldown resistance
nSLEEP
1
M
Ω
nFAULT OUTPUT (OPEN-DRAIN OUTPUT)
VOL
Output low voltage
IO = 5 mA
0.5
V
IOH
Output high leakage current
VO = 3.3 V
1
μA
DECAY INPUT
VIL
Input low threshold voltage
For slow decay mode
0.8
V
VIH
Input high threshold voltage
For fast decay mode
2
V
IIN
Input current
–100
100
µA
RPU
Internal pullup resistance
130
k
Ω
RPD
Internal pulldown resistance
80
k
Ω
H-BRIDGE FETS
VM = 24 V, I O = 1 A, TJ = 25°C
0.32
Ω
RDS(ON)
HS FET on resistance
VM = 24 V, IO = 1 A, TJ = 85°C
0.39
0.45
Ω
VM = 24 V, IO = 1 A, TJ = 25°C
0.33
Ω
RDS(ON)
LS FET on resistance
VM = 24 V, IO = 1 A, TJ = 85°C
0.39
0.45
Ω
IOFF
Off-state leakage current
–40
40
μA
MOTOR DRIVER
fPWM
PWM frequency
50
kHz
tBLANK
Current sense blanking time
3.75
μs
tR
Rise time
VM = 24 V
100
360
ns
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DRV8828



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com