Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8828 Datasheet(PDF) 13 Page - Texas Instruments

Part # DRV8828
Description  DRV8828 H-Bridge Motor Controller IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8828 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV8828 Datasheet HTML 9Page - Texas Instruments DRV8828 Datasheet HTML 10Page - Texas Instruments DRV8828 Datasheet HTML 11Page - Texas Instruments DRV8828 Datasheet HTML 12Page - Texas Instruments DRV8828 Datasheet HTML 13Page - Texas Instruments DRV8828 Datasheet HTML 14Page - Texas Instruments DRV8828 Datasheet HTML 15Page - Texas Instruments DRV8828 Datasheet HTML 16Page - Texas Instruments DRV8828 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
GND
I4
I3
I2
I1
I0
NC
ENBL
PHASE
DECAY
nFAULT
nSLEEP
nRESET
V3P3OUT
CP1
CP2
VCP
VM
OUT1
ISEN
OUT2
OUT2
ISEN
OUT1
VM
VREF
VREF
GND
DRV8829
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
0.01 µF
0.1 µF
1 M
BDC
200 m
0.1 µF
VM
0.1 µF
VM
100 µF
R1
R2
10 k
Ÿ
0.47 µF
DRV8828
www.ti.com
SLVSA11G – OCTOBER 2009 – REVISED NOVEMBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The DRV8828 is used in brushed motor or stepper motor control. The onboard current regulation allows for
limiting the motor current through simple pin configurations.
8.2 Typical Application
Figure 7. Motor Control Circuitry
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DRV8828



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com