Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8828 Datasheet(PDF) 11 Page - Texas Instruments

Part # DRV8828
Description  DRV8828 H-Bridge Motor Controller IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8828 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV8828 Datasheet HTML 7Page - Texas Instruments DRV8828 Datasheet HTML 8Page - Texas Instruments DRV8828 Datasheet HTML 9Page - Texas Instruments DRV8828 Datasheet HTML 10Page - Texas Instruments DRV8828 Datasheet HTML 11Page - Texas Instruments DRV8828 Datasheet HTML 12Page - Texas Instruments DRV8828 Datasheet HTML 13Page - Texas Instruments DRV8828 Datasheet HTML 14Page - Texas Instruments DRV8828 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
DRV8828
www.ti.com
SLVSA11G – OCTOBER 2009 – REVISED NOVEMBER 2015
7.3.4 Decay Mode
During PWM current chopping, the H-bridge is enabled to drive current through the motor winding until the PWM
current chopping threshold is reached. This is shown in Figure 6 as case 1. The current flow direction shown
indicates the state when the PHASE pin is high.
Once the chopping current threshold is reached, the H-bridge can operate in two different states, fast decay or
slow decay.
In fast decay mode, once the PWM chopping current level has been reached, the H-bridge reverses state to
allow winding current to flow in a reverse direction. As the winding current approaches zero, the bridge is
disabled to prevent any reverse current flow. Fast decay mode is shown in Figure 6 as case 2.
In slow decay mode, winding current is re-circulated by enabling both of the low-side FETs in the bridge. This is
shown in Figure 6 as case 3.
Figure 6. Decay Mode
The DRV8828 supports fast decay, slow decay and a mixed decay mode. Slow, fast, or mixed decay mode is
selected by the state of the DECAY pin - logic low selects slow decay, open selects mixed decay operation, and
logic high sets fast decay mode. The DECAY pin has both an internal pullup resistor of approximately 130 kÙ
and an internal pulldown resistor of approximately 80 kÙ. This sets the mixed decay mode if the pin is left open
or undriven.
Mixed decay mode begins as fast decay, but at a fixed period of time (75% of the PWM cycle) switches to slow
decay mode for the remainder of the fixed PWM period.
7.3.5 Blanking Time
After the current is enabled in the H-bridge, the voltage on the ISEN pin is ignored for a fixed period of time
before enabling the current sense circuitry. This blanking time is fixed at 3.75 µs. Note that the blanking time also
sets the minimum on time of the PWM.
7.3.6 Protection Circuits
The DRV8828 is fully protected against undervoltage, overcurrent and overtemperature events.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DRV8828



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com