Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8828 Datasheet(PDF) 4 Page - Texas Instruments

Part # DRV8828
Description  DRV8828 H-Bridge Motor Controller IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8828 Datasheet(HTML) 4 Page - Texas Instruments

  DRV8828 Datasheet HTML 1Page - Texas Instruments DRV8828 Datasheet HTML 2Page - Texas Instruments DRV8828 Datasheet HTML 3Page - Texas Instruments DRV8828 Datasheet HTML 4Page - Texas Instruments DRV8828 Datasheet HTML 5Page - Texas Instruments DRV8828 Datasheet HTML 6Page - Texas Instruments DRV8828 Datasheet HTML 7Page - Texas Instruments DRV8828 Datasheet HTML 8Page - Texas Instruments DRV8828 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
DRV8828
SLVSA11G – OCTOBER 2009 – REVISED NOVEMBER 2015
www.ti.com
Pin Functions (continued)
PIN
EXTERNAL COMPONENTS
I/O(1)
DESCRIPTION
OR CONNECTIONS
NAME
NO.
STATUS
Logic low when in fault condition (overtemp,
nFAULT
18
O/D
Fault
overcurrent)
OUTPUT
Connect to current sense resistor. Both pins must
ISEN
6, 9
I/O
Bridge ground / Isense
be connected together on the PCB.
OUT1
5, 10
O
Bridge output 1
Connect to motor winding. Both pins must be
connected together on the PCB.
OUT2
7, 8
O
Bridge output 2
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VM
Power supply voltage
–0.3
47
V
Digital pin voltage
–0.5
7
V
VREF
Input voltage
–0.3
4
V
ISENSE pin voltage
–0.8
0.8(3)
V
Peak motor drive output current, t < 1
μS
Internally limited
A
Continuous motor drive output current(4)
0
3
A
Continuous total power dissipation
See Thermal Information
TJ
Operating virtual junction temperature
–40
150
°C
Tstg
Storage temperature
–60
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground pin.
(3)
Transients of +/- 1V for less than 25 ns are acceptable.
(4)
Power dissipation and thermal limits must be observed.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
V(ESD)
Electrostatic discharge
Charged-device model (CDM), per JEDEC specification JESD22-
±500
V
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VM
Motor power supply voltage range(1)
8.2
45
V
VREF
VREF input voltage(2)
1
3.5
V
IV3P3
V3P3OUT load current
1
mA
(1)
All VM pins must be connected to the same supply voltage.
(2)
Operational at VREF between 0 V and 1 V, but accuracy is degraded.
4
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: DRV8828



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com