Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8828 Datasheet(PDF) 17 Page - Texas Instruments

Part # DRV8828
Description  DRV8828 H-Bridge Motor Controller IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8828 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DRV8828 Datasheet HTML 13Page - Texas Instruments DRV8828 Datasheet HTML 14Page - Texas Instruments DRV8828 Datasheet HTML 15Page - Texas Instruments DRV8828 Datasheet HTML 16Page - Texas Instruments DRV8828 Datasheet HTML 17Page - Texas Instruments DRV8828 Datasheet HTML 18Page - Texas Instruments DRV8828 Datasheet HTML 19Page - Texas Instruments DRV8828 Datasheet HTML 20Page - Texas Instruments DRV8828 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
0.47 µF
0.1 µF
CP1
GND
CP2
VCP
VM
OUT1
ISEN
OUT2
OUT2
ISEN
OUT1
VM
VREF
I4
I3
I2
I1
I0
NC
ENBL
PHASE
DECAY
nFAULT
nSLEEP
VREF
GND
nRESET
V3P3OUT
0.1 µF
0.1 µF
0.1 µF
1 M
Ÿ
DRV8828
www.ti.com
SLVSA11G – OCTOBER 2009 – REVISED NOVEMBER 2015
10 Layout
10.1 Layout Guidelines
Each VM terminal must be bypassed to GND using a low-ESR ceramic bypass capacitors with recommended
values of 0.1
μF rated for VM. These capacitors should be placed as close to the VM pins as possible with a
thick trace or ground plane connection to the device GND pin.
The VM pin must be bypassed to ground using a bulk capacitor rated for VM. This component may be an
electrolytic.
A low-ESR ceramic capacitor must be placed in between the CP1 and CP2 pins. TI recommends a value of 0.1
μF rated for VM . Place this component as close to the pins as possible.
A low-ESR ceramic capacitor must be placed in between the VM and VCP pins. TI recommends a value of 0.47
μF rated for 16 V. Place this component as close to the pins as possible. In addition, place a 1 MΩ between VM
and VCP.
Bypass V3P3OUT to ground with a ceramic capacitor rated 6.3 V. Place this bypassing capacitor as close to the
pin as possible.
The current sense resistor should be placed as close as possible to the device pins to minimize trace inductance
between the pin and resistor.
10.2 Layout Example
Figure 11. Example Layout
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: DRV8828



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com