Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8828 Datasheet(PDF) 10 Page - Texas Instruments

Part # DRV8828
Description  DRV8828 H-Bridge Motor Controller IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8828 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV8828 Datasheet HTML 6Page - Texas Instruments DRV8828 Datasheet HTML 7Page - Texas Instruments DRV8828 Datasheet HTML 8Page - Texas Instruments DRV8828 Datasheet HTML 9Page - Texas Instruments DRV8828 Datasheet HTML 10Page - Texas Instruments DRV8828 Datasheet HTML 11Page - Texas Instruments DRV8828 Datasheet HTML 12Page - Texas Instruments DRV8828 Datasheet HTML 13Page - Texas Instruments DRV8828 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
I
=
CHOP
V
REFX
5
· RISENSE
¾
DRV8828
SLVSA11G – OCTOBER 2009 – REVISED NOVEMBER 2015
www.ti.com
The full-scale (100%) chopping current is calculated in Equation 1.
(1)
Example:
If a 0.5-
Ω sense resistor is used and the VREFx pin is 3.3 V, the full-scale (100%) chopping current will
be 3.3 V / (5 x 0.5
Ω) = 1.32 A.
Five input pins (I0 - I4) are used to scale the current in the bridge as a percentage of the full-scale current set by
the VREF input pin and sense resistance. The logic inputs I0, I1, I2, I3 and I4 have internal pulldown resistors of
100 k
Ω. The function of the pins is shown in Table 2.
Table 2. H-Bridge Pin Functions
RELATIVE CURRENT
I[4..0]
(% FULL-SCALE CHOPPING CURRENT)
0x00h
0%
0x01h
5%
0x02h
10%
0x03h
15%
0x04h
20%
0x05h
24%
0x06h
29%
0x07h
34%
0x08h
38%
0x09h
43%
0x0Ah
47%
0x0Bh
51%
0x0Ch
56%
0x0Dh
60%
0x0Eh
63%
0x0Fh
67%
0x10h
71%
0x11h
74%
0x12h
77%
0x13h
80%
0x14h
83%
0x15h
86%
0x16h
88%
0x17h
90%
0x18h
92%
0x19h
94%
0x1Ah
96%
0x1Bh
97%
0x1Ch
98%
0x1Dh
99%
0x1Eh
100%
0x1Fh
100%
10
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: DRV8828



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com