Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF35 Datasheet (PDF) - Texas Instruments

REF35 Datasheet PDF - Texas Instruments
Part # REF35
Download  REF35 Download
File Size   2127.12 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REF35-Q1 Ultra Low-Power, High-Precision Voltage Reference

REF35 Datasheet (PDF)

Go To PDF Page Download Datasheet
REF35 Datasheet PDF - Texas Instruments

Part # REF35
Download  REF35 Click to download

File Size   2127.12 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REF35-Q1 Ultra Low-Power, High-Precision Voltage Reference

REF35 Datasheet (HTML) - Texas Instruments


REF35 Product details

1 Features
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: −40°C to 125°C
ambient operating temperature range
• Ultra-low quiescent current:
– 650 nA (typical)
• Initial accuracy: ±0.05 % (maximum)
• Temperature coefficient:
– 15 ppm/°C maximum for −40°C to 125°C
• Output 1/f noise (0.1 Hz to 10 Hz): 3.3 ppmP-P
• NR pin to reduce noise
• EN pin to reduce shutdown current consumption
• Long-term stability: 30 ppm at 1k hour
• Specified temperature range: −40°C to +125°C
• Operating temperature range: −55°C to +125°C
• Output current: +10 mA, −5 mA
• Input voltage: VREF + VDO to 6 V
• Output voltage options:
– 1.2 V, 1.25 V, 1.8 V, 2.048 V,
2.5 V, 3.0 V, 3.3 V, 4.096 V, 5.0 V
• Small footprint 6-pin SOT−23 package

2 Applications
• Automotive front camera
• Driver monitoring
• Battery control unit
• Electric power steering

3 Description
The REF35-Q1 is a family of nanopower, low-drift,
high-precision series reference devices. The REF35-
Q1 family features ±0.05 % initial accuracy with
typical 650 nA power consumption. The temperature
coefficient (15 ppm/ºC) and long-term stability (30
ppm at 1000 hours) of the device can help
improve system stability and reliability. The low
power consumption combined with high precision
specifications are designed for a wide variety of low
current applications.
The REF35-Q1 supplies up to 10 mA current with
3.3 ppmp-p noise and 20 ppm/mA load regulation.
With this feature set, REF35-Q1 creates a strong
low-noise, high accuracy power supply for precision
sensors and 12–16b data converters.
The family is fully specified for operation from -40°C to
125°C and is functional over -55°C to 125°C.
The REF35-Q1 is available in wide output voltage
variants starting from 1.20 V to 5.0 V. The device
is offered in space saving SOT23-6 pin package.
Contact the TI sales representative for available
voltage options.




Similar Part No. - REF35

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF35 TI-REF35 Datasheet
1Mb / 27P
REF35 Ultra Low-Power, High-Precision Voltage Reference
DECEMBER 2021
REF35 TI-REF35 Datasheet
1Mb / 35P
REF35 Ultra Low-Power, High-Precision Voltage Reference
REVISED AUGUST 2022
REF35 TI-REF35 Datasheet
1Mb / 35P
REF35 Ultra Low-Power, High-Precision Voltage Reference
REVISED AUGUST 2022
REF35 TI1-REF35 Datasheet
1Mb / 35P
REF35 Ultra Low-Power, High-Precision Voltage Reference
REVISED AUGUST 2022
REF35 TI-REF35 Datasheet
2Mb / 38P
REF35 Ultra Low-Power, High-Precision Voltage Reference
AUGUST 2022
More results


Similar Description - REF35

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6029 MAXIM-MAX6029 Datasheet
564Kb / 15P
Ultra-Low-Power Precision Series Voltage Reference
Rev 0; 7/03
MAX6029 MAXIM-MAX6029_06 Datasheet
717Kb / 16P
Ultra-Low-Power Precision Series Voltage Reference
Rev 2; 11/06
MAX6029EUK30T MAXIM-MAX6029EUK30T Datasheet
717Kb / 16P
Ultra-Low-Power Precision Series Voltage Reference
Rev 2; 11/06
logo
Texas Instruments
REF35 TI-REF35 Datasheet
1Mb / 27P
REF35 Ultra Low-Power, High-Precision Voltage Reference
DECEMBER 2021
REF35 TI-REF35_V01 Datasheet
1Mb / 35P
REF35 Ultra Low-Power, High-Precision Voltage Reference
REVISED AUGUST 2022
REF35 TI-REF35_V02 Datasheet
1Mb / 35P
REF35 Ultra Low-Power, High-Precision Voltage Reference
REVISED AUGUST 2022
REF35 TI1-REF35_V03 Datasheet
1Mb / 35P
REF35 Ultra Low-Power, High-Precision Voltage Reference
REVISED AUGUST 2022
REF35 TI-REF35_V04 Datasheet
2Mb / 38P
REF35 Ultra Low-Power, High-Precision Voltage Reference
AUGUST 2022
REF35-Q1 TI1-REF35-Q1 Datasheet
2Mb / 30P
REF35-Q1 Ultra Low-Power, High-Precision Voltage Reference
AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com