Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF35 Datasheet(PDF) 6 Page - Texas Instruments

Part # REF35
Description  REF35-Q1 Ultra Low-Power, High-Precision Voltage Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF35 Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF35 Datasheet HTML 2Page - Texas Instruments REF35 Datasheet HTML 3Page - Texas Instruments REF35 Datasheet HTML 4Page - Texas Instruments REF35 Datasheet HTML 5Page - Texas Instruments REF35 Datasheet HTML 6Page - Texas Instruments REF35 Datasheet HTML 7Page - Texas Instruments REF35 Datasheet HTML 8Page - Texas Instruments REF35 Datasheet HTML 9Page - Texas Instruments REF35 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
7.6 Typical Characteristics
at TA = 25°C, VIN = VEN = VREF + 0.3 V, IL = 0 mA, CL = 10 µF, CIN = 0.1 µF (unless otherwise noted)
Temperature (
C)
-40
-7
26
59
92
125
-1500
-750
0
750
1500
VREF = 1.8V
VREF = 2.048V
VREF = 2.5V
VREF = 3.3V
VREF = 5V
Figure 7-1. Output Voltage Drift vs Free-Air Temperature
Initial Accuracy (%)
0
10
20
30
40
50
-0.05
-0.03
-0.01
0.01
0.03
0.05
Figure 7-2. Initial Accuracy Distribution
Noise Bin (ppmp-p)
0
8
16
24
32
40
1.2
2
2.8 3.6 4.4 5.2
6
6.8 7.6 8.4 9.2 10 10.8
CL = 10uF
CL = 1uF
Figure 7-3. 0.1 Hz to 10 Hz Noise Distribution
(VREF = 1.25 V, CNR = Open, IL = 0 mA)
Noise Bin (ppmp-p)
0
8
16
24
32
40
1.2
2
2.8 3.6 4.4 5.2
6
6.8 7.6 8.4 9.2 10 10.8
CL= 10uF
CL = 1uF
Figure 7-4. 0.1 Hz to 10 Hz Noise Distribution
(VREF = 2.5 V, CNR = Open, IL = 0 mA)
Noise Bin (ppmp-p)
0
16
32
48
64
80
1.2
2
2.8 3.6 4.4 5.2
6
6.8 7.6 8.4 9.2 10 10.8
IL = 0mA
IL = 1mA
IL = 10mA
Figure 7-5. 0.1 Hz to 10 Hz Noise Distribution
(VREF = 2.5 V, CL = 1 μF, CNR = Open)
Noise Bin (ppmp-p)
0
8
16
24
32
40
1.2
2
2.8 3.6 4.4 5.2
6
6.8 7.6 8.4 9.2 10 10.8
CNR = Open
CNR = 1uF
CNR = 10uF
Figure 7-6. 0.1 Hz to 10 Hz Noise Distribution
(VREF = 2.5 V, CL = 1 μF, IL = 0 mA)
REF35-Q1
SNAS845 – AUGUST 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: REF35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com