Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF35 Datasheet(PDF) 5 Page - Texas Instruments

Part # REF35
Description  REF35-Q1 Ultra Low-Power, High-Precision Voltage Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF35 Datasheet(HTML) 5 Page - Texas Instruments

  REF35 Datasheet HTML 1Page - Texas Instruments REF35 Datasheet HTML 2Page - Texas Instruments REF35 Datasheet HTML 3Page - Texas Instruments REF35 Datasheet HTML 4Page - Texas Instruments REF35 Datasheet HTML 5Page - Texas Instruments REF35 Datasheet HTML 6Page - Texas Instruments REF35 Datasheet HTML 7Page - Texas Instruments REF35 Datasheet HTML 8Page - Texas Instruments REF35 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
7.5 Electrical Characteristics
At VIN = VREF + 0.5 V, VEN = VIN, CL = 10 µF, CIN = 0.1 µF, IL = 0 mA, minimum and maximum specifications at TA = –40℃ to
125
℃, typical specifications TA = 25℃; unless otherwise noted
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
ACCURACY AND DRIFT
Output voltage accuracy
TA = 25℃
–0.05
0.05
%
Output voltage temperature
coefficient
–40
℃ ≤ TA ≤ 125℃
15
ppm/
℃
LINE AND LOAD REGULATION
ΔVREF/
ΔVIN
Line regulation
VREF < 2.5 V; VIN = VREF + VDO to VINMAX
40
160
ppm/V
VREF ≥ 2.5 V; VIN = VREF + VDO to VINMAX
40
120
ppm/V
ΔVREF/ΔIL Load regulation
IL = 0 mA to 10 mA,
VIN = VREF + VDO
Source
20
60
ppm/mA
IL = 0 mA to 5 mA,
VIN = VREF + VDO
Sink
40
350
ppm/mA
POWER SUPPLY
VIN
Input voltage (1)
VREF + VDO
6
V
IQ
Quiescent current
Active mode
TA = 25℃
0.65
0.9
µA
–40
℃ ≤ TA ≤ 125℃
2.6
Shutdown mode
TA = 25℃
0.1
–40
℃ ≤ TA ≤ 125℃
0.5
VEN
Enable pin voltage
Active mode (EN = 1 or Float)
0.7 x VIN
V
Shutdown mode (EN = 0)
0.3 x VIN
IEN
Enable pin current
VEN = VIN
0.05
0.1
uA
VDO
Dropout voltage
IL = 5 mA
120
mV
IL = 10 mA
250
ISC
Short circuit current,
Sourcing
VREF = 0 V, TA = 25℃
33
mA
ISC
Short circuit current, Sinking VREF = VIN V, TA = 25℃
21
mA
TURN-ON TIME
tON
Turn-on time (2)
0.1% settling, CL = 1 µF, VREF = 2.5 V
2
ms
NOISE
en
Output voltage noise
ƒ = 10 Hz to 1 kHz, CL = 1 µF
0.7
ppmrms
enp-p
Low-frequency noise
ƒ = 0.1 Hz to 10 Hz, VREF ≥ 2.5 V
3.8
ppmp-p
ƒ = 0.1 Hz to 10 Hz, VREF < 2.5 V
3.3
ppmp-p
HYSTERESIS AND LONG-TERM STABILITY
Long-term stability
0 to 1000h at 35°C
30
ppm
Output voltage hysteresis
25°C, –40°C, 125°C, 25°C (cycle 1)
90
ppm
Output voltage hysteresis
25°C, –40°C, 125°C, 25°C (cycle 2)
70
ppm
STABLE CAPACITANCE RANGE
Input capacitor range
0.1
µF
Output capacitor range (3)
0.1
10
µF
(1)
For VREF = 1.2 V and 1.25 V, minimum VIN = 1.7 V
(2)
Scales linearly with VREF.
(3)
ESR for the capacitor <= 400 mΩ
www.ti.com
REF35-Q1
SNAS845 – AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: REF35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com