Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF35 Datasheet(PDF) 11 Page - Texas Instruments

Part # REF35
Description  REF35-Q1 Ultra Low-Power, High-Precision Voltage Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF35 Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF35 Datasheet HTML 7Page - Texas Instruments REF35 Datasheet HTML 8Page - Texas Instruments REF35 Datasheet HTML 9Page - Texas Instruments REF35 Datasheet HTML 10Page - Texas Instruments REF35 Datasheet HTML 11Page - Texas Instruments REF35 Datasheet HTML 12Page - Texas Instruments REF35 Datasheet HTML 13Page - Texas Instruments REF35 Datasheet HTML 14Page - Texas Instruments REF35 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
8 Parameter Measurement Information
8.1 Solder Heat Shift
The materials used in the manufacture of the REF35-Q1 have differing coefficients of thermal expansion,
resulting in stress on the device die when the part is heated. Mechanical and thermal stress on the device
die can cause the output voltages to shift, degrading the initial accuracy specifications of the product. Reflow
soldering is a common cause of this error.
To illustrate this effect, a total of 32 devices were soldered on one printed circuit board using lead-free solder
paste and the paste manufacturer suggested reflow profile. Figure 8-1 shows the reflow profile. The printed
circuit board is comprised of FR4 material. The board thickness is 1.66 mm and the area is 174 mm × 135 mm.
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
400
Time (seconds)
C01
Figure 8-1. Reflow Profile
The reference output voltage is measured before and after the reflow process; Figure 8-2 shows the typical
shift. Although all tested units exhibit very low shifts (< 0.03%), higher shifts are also possible depending on the
size, thickness, and material of the printed circuit board (PCB). An important note is that the histograms display
the typical shift for exposure to a single reflow profile. Exposure to multiple reflows, as is common on PCBs
with surface-mount components on both sides, causes additional shifts in the output bias voltage. If the PCB is
exposed to multiple reflows, the device must be soldered in the last pass to minimize its exposure to thermal
stress.
Solder Heat Shift %
0
12
24
36
48
60
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
Figure 8-2. Solder Heat Shift Distribution, VREF (%)
www.ti.com
REF35-Q1
SNAS845 – AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: REF35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com