Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF35 Datasheet(PDF) 13 Page - Texas Instruments

Part # REF35
Description  REF35-Q1 Ultra Low-Power, High-Precision Voltage Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF35 Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF35 Datasheet HTML 9Page - Texas Instruments REF35 Datasheet HTML 10Page - Texas Instruments REF35 Datasheet HTML 11Page - Texas Instruments REF35 Datasheet HTML 12Page - Texas Instruments REF35 Datasheet HTML 13Page - Texas Instruments REF35 Datasheet HTML 14Page - Texas Instruments REF35 Datasheet HTML 15Page - Texas Instruments REF35 Datasheet HTML 16Page - Texas Instruments REF35 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
The REF35-Q1 will experience the highest drift in the initial 1000 hr. Subsequent deviation is typically lower than
first 1000 hr.
Time (hr)
0
200
400
600
800
1000
-200
-100
0
100
200
Figure 8-4. Long Term Stability - 1000 hours (VREF)
8.4 Thermal Hysteresis
Thermal hysteresis is measured with the REF35-Q1 soldered to a PCB, similar to a real-world application.
Thermal hysteresis for the device is defined as the change in output voltage after operating the device at
25°C, cycling the device through the specified temperature range, and returning to 25°C. The PCB was baked
at 150°C for 30 minutes before thermal hysteresis was measured. Use Equation 2 to calculate the thermal
hysteresis.
6
PRE
POST
HYST
NOM
| V
V
|
V
10
ppm
V
§
·
u
¨
¸
©
¹
(2)
where
• VHYST = thermal hysteresis (in units of ppm)
• VNOM = the specified output voltage
• VPRE = output voltage measured at 25°C pre-temperature cycling
• VPOST = output voltage measured after the device has cycled from 25°C through the specified temperature
range of –40°C to +125°C and returns to 25°C.
Figure 8-5 and Figure 8-6 show the typical thermal hysteresis distribution across various temperature ranges in
two cycles.
www.ti.com
REF35-Q1
SNAS845 – AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: REF35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com