Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF35 Datasheet(PDF) 16 Page - Texas Instruments

Part # REF35
Description  REF35-Q1 Ultra Low-Power, High-Precision Voltage Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF35 Datasheet(HTML) 16 Page - Texas Instruments

Back Button REF35 Datasheet HTML 12Page - Texas Instruments REF35 Datasheet HTML 13Page - Texas Instruments REF35 Datasheet HTML 14Page - Texas Instruments REF35 Datasheet HTML 15Page - Texas Instruments REF35 Datasheet HTML 16Page - Texas Instruments REF35 Datasheet HTML 17Page - Texas Instruments REF35 Datasheet HTML 18Page - Texas Instruments REF35 Datasheet HTML 19Page - Texas Instruments REF35 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
REF35-Q1
CIN
GND
VIN
EN
NR
VREF
GND
Optional
CL
High-pass
Filter
Fc = 10Hz
G = 11
Amplifier
G = 11
Supply
Spectrum
Analyzer
Figure 8-11. Broadband Noise Test Setup
For noise sensitive designs, a low-pass filter can be used to reduce broadband noise output noise levels by
removing the high frequency components. When designing a low-pass filter, take special care to make sure the
output impedance of the filter does not degrade AC performance. This can occur in RC low-pass filters where a
large series resistance can impact the load transients due to output current fluctuations. The REF35-Q1 device
also offers noise reduction functionality by adding an optional capacitor between NR (pin 5) and ground pins.
Figure 8-12 and Figure 8-13 show the noise spectrum for REF35250 and REF35500 devices respectively across
various NR pin capacitance.
Frequency (Hz)
10
100
1000
10000
100000
0
200
400
600
800
1000
CL = 0.1uF
CL = 1uF
CL = 10uF
Figure 8-12. Noise Spectrum 10 Hz to 100 kHz
(VREF = 2.5 V)
Frequency (Hz)
10
100
1000
10000
100000
0
400
800
1200
1600
2000
CL = 0.1uF
CL = 1uF
CL = 10uF
Figure 8-13. Noise Spectrum 10 Hz to 100 kHz
(VREF = 5 V)
8.6 Power Dissipation
The REF35-Q1 voltage references are capable of source up to 10 mA and sink up to 5 mA of load current
across the rated input voltage range. However, when used in applications subject to high ambient temperatures,
the input voltage and load current must be carefully monitored to ensure that the device does not exceeded
its maximum power dissipation rating. The maximum power dissipation of the device can be calculated with
Equation 3:
J
A
D
JA
T
T
P
R
T
u
(3)
where
• PD is the device power dissipation
• TJ is the device junction temperature
• TA is the ambient temperature
• RθJA is the package (junction-to-air) thermal resistance
Because of this relationship, acceptable load current in high temperature conditions may be less than the
maximum current-sourcing capability of the device. In no case should the device be operated outside of its
maximum power rating because doing so can result in premature failure or permanent damage to the device.
REF35-Q1
SNAS845 – AUGUST 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: REF35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com