Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF35 Datasheet(PDF) 18 Page - Texas Instruments

Part # REF35
Description  REF35-Q1 Ultra Low-Power, High-Precision Voltage Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF35 Datasheet(HTML) 18 Page - Texas Instruments

Back Button REF35 Datasheet HTML 14Page - Texas Instruments REF35 Datasheet HTML 15Page - Texas Instruments REF35 Datasheet HTML 16Page - Texas Instruments REF35 Datasheet HTML 17Page - Texas Instruments REF35 Datasheet HTML 18Page - Texas Instruments REF35 Datasheet HTML 19Page - Texas Instruments REF35 Datasheet HTML 20Page - Texas Instruments REF35 Datasheet HTML 21Page - Texas Instruments REF35 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
9.4 Device Functional Modes
9.4.1 Basic Connections
Figure 9-1 shows the typical connections for the REF35-Q1. TI recommends a supply bypass capacitor (CIN)
ranging from 0.1 μF to 10 μF. A 0.1 μF to 10 μF output capacitor (CL) must be connected from REF to GND. The
equivalent series resistance (ESR) value of CL must be lower than 400 mΩ to ensure output stability.
VIN
EN
CIN
CL
GND
GND
GND
GND
GND
NR
VREF
Optional
AVDD
REF
REF35-Q1
Figure 9-1. Basic Connections
9.4.2 Start-Up
Figure 9-2 shows the start-up behavior of REF35250 device with 1 μF load capacitance. REF35-Q1 device
ensures the output voltage settles to the expected output voltage within specified accuracy without oscillations.
The start-up time is dependent on the output voltage variant, output capacitance and NR pin capacitance. Higher
capcitance leads to longer start-up time.
Time (5 ms/div)
VIN (1.5V/div)
VREF (1.25V/div)
Figure 9-2. REF35250 Start-Up Behavior, CL = 1 μF
9.4.3 Output Transient Behavior
The REF35-Q1 output buffer is capable of sourcing 10 mA load current as well as sink 5 mA of load current. The
output stage is designed using class AB architecture with ultra-low quiescent current. This architecture avoids
the dead zone around the no load condition. The output buffer uses a fast start-up implementation to achieve
2ms typical turn-on time at CL = 1 μF and no-load current condition.
Figure 9-3 and Figure 9-4 show the output settling behavior for light load transient and high load transient
respectively.
REF35-Q1
SNAS845 – AUGUST 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: REF35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com