Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF35 Datasheet(PDF) 14 Page - Texas Instruments

Part # REF35
Description  REF35-Q1 Ultra Low-Power, High-Precision Voltage Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF35 Datasheet(HTML) 14 Page - Texas Instruments

Back Button REF35 Datasheet HTML 10Page - Texas Instruments REF35 Datasheet HTML 11Page - Texas Instruments REF35 Datasheet HTML 12Page - Texas Instruments REF35 Datasheet HTML 13Page - Texas Instruments REF35 Datasheet HTML 14Page - Texas Instruments REF35 Datasheet HTML 15Page - Texas Instruments REF35 Datasheet HTML 16Page - Texas Instruments REF35 Datasheet HTML 17Page - Texas Instruments REF35 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Thermal Hysteresis - Cycle 1 (ppm)
0
5
10
15
20
25
0
22
44
66
88
110 132 154 176 198 220
Figure 8-5. Thermal Hysteresis Distribution
-40ºC to 125ºC, Cycle 1
Thermal Hysteresis - Cycle 2 (ppm)
0
2
4
6
8
10
12
14
16
18
20
22
24
0
22
44
66
88
110 132 154 176 198 220
Figure 8-6. Thermal Hysteresis Distribution
-40ºC to 125ºC, Cycle 2
8.5 Noise Performance
The reference pin output noise is categorized as low frequency and broadband noise. The following sections
describe these categories in detail.
8.5.1 Low-Frequency (1/f) Noise
Flicker noise, also known as 1/f noise, is a low-frequency noise that affects the device output voltage which can
affect precision measurements in ADCs. This noise increases proportionally with output voltage and operating
temperature. The noise is measured by filtering the output from 0.1 Hz to 10 Hz. The 1/f noise is an extremely
low value, therefore the frequency of interest must be amplified and band-pass filtered. This is done by using a
high-pass filter to block the DC voltage. The resulting noise is then amplified by a gain of 1000. The bandpass
filter is created by a series of high-pass and low-pass filter that adds additional gain to make it more visible on
a oscilloscope as shown in Figure 8-7. Figure 8-8 shows the effect of flicker noise over 10 second. Flicker noise
must be tested in a Faraday cage enclosure to block environmental noise.
REF35-Q1
CIN
GND
VIN
EN
NR
VREF
GND
Optional
CL
High-pass
Filter
Fc = 0.07Hz
Low Noise
Preamplifier
G = 1000
2
nd Order
High-pass
Filter
Fc = 0.1Hz
G = 10
2
nd Order
Low-pass
Filter
Fc = 10Hz
G = 10
2
nd Order
Low-pass
Filter
Fc = 10Hz
G = 1
Oscilloscope
Supply
Buffer
Figure 8-7. Low-Frequency (1/f) Noise Test Setup
REF35-Q1
SNAS845 – AUGUST 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: REF35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com