Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF35 Datasheet(PDF) 20 Page - Texas Instruments

Part # REF35
Description  REF35-Q1 Ultra Low-Power, High-Precision Voltage Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF35 Datasheet(HTML) 20 Page - Texas Instruments

Back Button REF35 Datasheet HTML 16Page - Texas Instruments REF35 Datasheet HTML 17Page - Texas Instruments REF35 Datasheet HTML 18Page - Texas Instruments REF35 Datasheet HTML 19Page - Texas Instruments REF35 Datasheet HTML 20Page - Texas Instruments REF35 Datasheet HTML 21Page - Texas Instruments REF35 Datasheet HTML 22Page - Texas Instruments REF35 Datasheet HTML 23Page - Texas Instruments REF35 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
10 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
10.1 Application Information
REF35-Q1 with low current consumption and class leading performance specifcations is suitable reference for
multiple applications. The device can also be used as a precision low noise power supply to sensor or data
converter instead of traditional LDO or DC/DC based power supply. Basic applications includes positive/negative
voltage reference and data acquisition.
10.2 Typical Application: Negative Reference Voltage
For applications requiring a negative and positive reference voltage, the REF35-Q1 and OPA188-Q1 can be
used to provide a dual-supply reference from a 5 V supply. Figure 10-1 shows the REF35250 used to provide
a 2.5 V supply reference voltage. The low drift performance of the REF35250-Q1 complements the low offset
voltage and low-drift of the OPA188-Q1 to provide an accurate solution for split-supply applications. Take care to
match the temperature coefficients of R1 and R2.
REF35250-Q1
R2
10 k
-
+
GND
+5 V
+5 V
+2.5 V
-5 V
-2.5 V
1
2
3
4
6
5
OPA188-Q1
Figure 10-1. REF35-Q1 and OPA188-Q1 Create Positive and Negative Reference Voltages
REF35-Q1
SNAS845 – AUGUST 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: REF35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com