Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF35 Datasheet(PDF) 4 Page - Texas Instruments

Part # REF35
Description  REF35-Q1 Ultra Low-Power, High-Precision Voltage Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF35 Datasheet(HTML) 4 Page - Texas Instruments

  REF35 Datasheet HTML 1Page - Texas Instruments REF35 Datasheet HTML 2Page - Texas Instruments REF35 Datasheet HTML 3Page - Texas Instruments REF35 Datasheet HTML 4Page - Texas Instruments REF35 Datasheet HTML 5Page - Texas Instruments REF35 Datasheet HTML 6Page - Texas Instruments REF35 Datasheet HTML 7Page - Texas Instruments REF35 Datasheet HTML 8Page - Texas Instruments REF35 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
Input voltage
VIN
–0.3
6.5
V
Enable voltage
EN
–0.3
VIN + 0.3 (2)
V
Output voltage
VREF
–0.3
VIN + 0.3 (2)
V
Output short circuit current
ISC
20
mA
Operating temperature range
TA
–55
125
°C
Storage temperature range
Tstg
–65
170
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
IN + 0.3 V or 6.5 V, whichever is lower
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001,
all pins (1)
±2000
V
Charged device model (CDM), per ANSI/ESDA/JEDEC
JS-002, all pins (2)
±750
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage (1)
VREF+ VDO (2)
6
V
EN
Enable voltage
0
VIN
V
IL
Output current
–5
10
mA
TA
Operating temperature
–40
25
125
°C
(1)
For VREF = 1.2 V and 1.25 V, minimum VIN = 1.7 V
(2)
VDO = Dropout voltage
7.4 Thermal Information
THERMAL METRIC(1)
REF35-Q1
UNIT
DBV (SOT-23)
6 PINS
RθJA
Junction-to-ambient thermal resistance
164.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
102.5
°C/W
RθJB
Junction-to-board thermal resistance
59.6
°C/W
ΨJT
Junction-to-top characterization parameter
44.0
°C/W
ΨJB
Junction-to-board characterization parameter
59.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
REF35-Q1
SNAS845 – AUGUST 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: REF35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com