Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF35 Datasheet(PDF) 22 Page - Texas Instruments

Part # REF35
Description  REF35-Q1 Ultra Low-Power, High-Precision Voltage Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF35 Datasheet(HTML) 22 Page - Texas Instruments

Back Button REF35 Datasheet HTML 18Page - Texas Instruments REF35 Datasheet HTML 19Page - Texas Instruments REF35 Datasheet HTML 20Page - Texas Instruments REF35 Datasheet HTML 21Page - Texas Instruments REF35 Datasheet HTML 22Page - Texas Instruments REF35 Datasheet HTML 23Page - Texas Instruments REF35 Datasheet HTML 24Page - Texas Instruments REF35 Datasheet HTML 25Page - Texas Instruments REF35 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
A ceramic capacitor of at least a 0.1 μF must be connected to the output to improve stability and help filter out
high frequency noise. Add an additional 10 μF capacitor in parallel to improve transient performance in response
to sudden changes in load current; however, keep in mind that doing so increases the start-up time of the device.
Best performance and stability is attained with low-ESR, low-inductance ceramic chip-type output capacitors
(X5R, X7R, or similar). If using an electrolytic capacitor on the output, place a 0.1 μF ceramic capacitor in
parallel to reduce overall ESR on the output. Place the input and output capacitors as close as possible to the
device.
10.3.2.3 Selection of ADC
ADS7038-Q1 12-bit 8 channel multiplexed ADC is chosen for this application. The ADC offers low current
operation with averaging mode to increase the resolution to 16-bit with internal averaging modes while operating
with slow sampling speed.
10.3.3 Application Curves
Table 10-2 shows the captured measurement results for various DC inputs. The ADC output is captured and
analyzed for output accuracy, code spread and sigma with REF35500-Q1 as power supply vs LDO as power
supply.
REF35-Q1 offers better accuracy and lower noise than the LDO device at lower quiescent current. This results in
lower error in measurement as well as lower ADC output code variation across various OSR seetings.
Table 10-2. DC Input Performance Test Results
INPUT V
ADC OSR SETTING
REF35500
LDO
ERROR
CODE SPREAD
ERROR
CODE SPREAD
1.0 V
0
0.01 mV
32 LSB
8.9 mV
48 LSB
8
0.3 mV
10 LSB
9.21 mV
16 LSB
128
0.38 mV
6 LSB
9.26 mV
6 LSB
2.5 V
0
0.69 mV
32 LSB
22.89 mV
64 LSB
8
1.44 mV
10 LSB
23.63 mV
18 LSB
128
1.17 mV
3 LSB
23.41 mV
5 LSB
4 V
0
2.27 mV
32 LSB
37.84 mV
48 LSB
8
3.01 mV
24 LSB
38.62 mV
24 LSB
128
2.46 mV
3 LSB
38.09 mV
17 LSB
10.4 Power Supply Recommendations
The REF35 family of references feature an extremely low-dropout voltage. These references can be operated
with a supply of only 50 mV above the output voltage at no load. TI recommends a supply bypass capacitor
ranging between 0.1 µF to 10 µF.
10.5 Layout
10.5.1 Layout Guidelines
Figure 10-3 shows an example of a PCB layout for a data acquisition system using the REF35-Q1. Some key
considerations are:
• Connect low-ESR, 0.1 μF ceramic bypass capacitors at VIN, VREF of the REF35-Q1.
• Decouple other active devices in the system per the device specifications.
• Using a solid ground plane helps distribute heat and reduces electromagnetic interference (EMI) noise
pickup.
• Place the external components as close to the device as possible.
• Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if
possible, and only make perpendicular crossings when absolutely necessary.
Figure 10-4 shows the pin compatibility with TI REF31xx series reference in the 3-pin SOT-23 package when
using the REF35xxx family footprint. You must rotate the REF31xx reference device by 180º before assembly.
REF35-Q1
SNAS845 – AUGUST 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: REF35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com