Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF35 Datasheet(PDF) 9 Page - Texas Instruments

Part # REF35
Description  REF35-Q1 Ultra Low-Power, High-Precision Voltage Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF35 Datasheet(HTML) 9 Page - Texas Instruments

Back Button REF35 Datasheet HTML 5Page - Texas Instruments REF35 Datasheet HTML 6Page - Texas Instruments REF35 Datasheet HTML 7Page - Texas Instruments REF35 Datasheet HTML 8Page - Texas Instruments REF35 Datasheet HTML 9Page - Texas Instruments REF35 Datasheet HTML 10Page - Texas Instruments REF35 Datasheet HTML 11Page - Texas Instruments REF35 Datasheet HTML 12Page - Texas Instruments REF35 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VIN = VEN = VREF + 0.3 V, IL = 0 mA, CL = 10 µF, CIN = 0.1 µF (unless otherwise noted)
Temperature (
C)
-40
-7
26
59
92
125
0
10
20
30
40
Figure 7-19. Line Regulation vs Free-Air Temperature
Time (1ms/div)
VIN (4.3V/div)
IL = 0mA (160mV/div)
IL = 1mA (160mV/div)
Figure 7-20. Line Transient Response
(VREF = 1.25 V, CL = 1 μF)
Time (1ms/div)
VIN (3V/div)
IL = 0mA (100mV/div)
IL = 1mA (100mV/div)
Figure 7-21. Line Transient Response
(VREF = 2.5 V, CL = 1 μF)
Frequency (Hz)
10
100
1000
10000
100000 1000000
1E+7
0
30
60
90
120
CIN=0.1F, CL=1F
Figure 7-22. Power Supply Rejection Ratio
(VREF = 2.5 V, IL = 0 mA)
Frequency (Hz)
10
100
1000
10000
100000 1000000
1E+7
0.05
1
10
100
1000
10000
CL =1 F
CL =10 F
Figure 7-23. Output Impedance
Temperature (
C)
-40
-7
26
59
92
125
0
0.5
1
1.5
2
2.5
Figure 7-24. Quiescent Current vs Free-Air Temperature
www.ti.com
REF35-Q1
SNAS845 – AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: REF35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com