Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF35 Datasheet(PDF) 15 Page - Texas Instruments

Part # REF35
Description  REF35-Q1 Ultra Low-Power, High-Precision Voltage Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF35 Datasheet(HTML) 15 Page - Texas Instruments

Back Button REF35 Datasheet HTML 11Page - Texas Instruments REF35 Datasheet HTML 12Page - Texas Instruments REF35 Datasheet HTML 13Page - Texas Instruments REF35 Datasheet HTML 14Page - Texas Instruments REF35 Datasheet HTML 15Page - Texas Instruments REF35 Datasheet HTML 16Page - Texas Instruments REF35 Datasheet HTML 17Page - Texas Instruments REF35 Datasheet HTML 18Page - Texas Instruments REF35 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Time (1sec/div)
GND
Figure 8-8. 0.1 Hz to 10 Hz Voltage Noise
Figure 8-9 shows the typical 1/f noise (0.1 Hz to 10 Hz) distribution across various load conditions. The
REF35-Q1 device also offers noise reduction functionality by adding an optional capacitor between NR (pin 5)
and ground pins.
Figure 8-10 shows the typical 1/f noise (0.1 Hz to 10 Hz) distribution across REF35-Q1 devices with various
capacitance between NR pin and GND.
Noise Bin (ppmp-p)
0
16
32
48
64
80
1.2
2
2.8 3.6 4.4 5.2
6
6.8 7.6 8.4 9.2 10 10.8
IL = 0mA
IL = 1mA
IL = 10mA
Figure 8-9. 0.1 Hz to 10 Hz Noise Distribution vs
Load Conditions
Noise Bin (ppmp-p)
0
8
16
24
32
40
1.2
2
2.8 3.6 4.4 5.2
6
6.8 7.6 8.4 9.2 10 10.8
CNR = Open
CNR = 1uF
CNR = 10uF
Figure 8-10. 0.1 Hz to 10 Hz Noise Distribution vs
NR Capacitance
8.5.2 Broadband Noise
Broadband noise is a noise that appears at higher frequency compared to 1/f noise. The broadband noise is
measured by high-pass filtering the output of the reference device, followed by a gain stage and measuring the
result on a spectrum analyzer as shown in Figure 8-11
www.ti.com
REF35-Q1
SNAS845 – AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: REF35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com