Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3095D Datasheet (PDF) - Texas Instruments

THS3095D Datasheet PDF - Texas Instruments
Part # THS3095D
Download  THS3095D Download
File Size   3165.93 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers

THS3095D Datasheet (PDF)

Go To PDF Page Download Datasheet
THS3095D Datasheet PDF - Texas Instruments

Part # THS3095D
Download  THS3095D Click to download

File Size   3165.93 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers

THS3095D Datasheet (HTML) - Texas Instruments


THS3095D Product details

1 Features
. Low distortion:
. 84-dBc HD2 at 10 MHz, RL = 1 kΩ
. 99-dBc HD3 at 10 MHz, RL = 1 kΩ
. Low noise:
. 15-pA/√Hz noninverting current noise
. 14-pA/√Hz inverting current noise
. 1.1-nV/√Hz voltage noise
. High slew rate: 6000 V/μs (G = 5, VO = 20 VPP)
. Wide bandwidth: 305 MHz (G = 2, RL = 100 Ω)
. High output current drive: ±310 mA
. Wide supply range: ±5 V to ±16 V
. Power-down feature: THS3095 only

2 Applications
• High-voltage arbitrary waveform generators
• Pin Driver
• Power-FET drivers
• Source measurement unit (SMU)
• High capacitive load piezo element drivers

3 Description
The THS3091 and THS3095 (THS309x) are highvoltage,
low-distortion, high-speed, current-feedback
amplifiers that operate over a wide supply range
of ±5 V to ±16 V. These devices are an excellent
choice for applications that require large, linear output
signals, such as pin drivers, power-FET drivers, and
arbitrary waveform generators.
The THS3095 features a power-down pin (PD) that
puts the amplifier into a low-power standby mode, and
lowers the quiescent current from 9.5 mA to 500 μA.
The wide, 32.V supply range, 6000.V/μs slewrate,
and 310.mA output current drive make the
THS309x an excellent choice for high-voltage
arbitrary-waveform-driver applications. Moreover, with
the ability to handle large voltage swings driving
into low-resistance and high-capacitance loads while
maintaining good settling time performance, these
devices are an excellent choice for pin-driver and
power-FET driver applications.
The THS309x are offered in an 8.pin SOIC (DDA)
PowerPAD™ integrated circuit package. The THS3091
is also offered in an 8.pin HVSSOP (DGN) package.




Similar Part No. - THS3095D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3095D TI-THS3095D Datasheet
1Mb / 31P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3095D TI1-THS3095D Datasheet
1Mb / 36P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3095D TI-THS3095D Datasheet
2Mb / 55P
THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
THS3095D TI-THS3095D Datasheet
3Mb / 46P
THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
THS3095DDA TI-THS3095DDA Datasheet
1Mb / 31P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Similar Description - THS3095D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3091 TI-THS3091 Datasheet
1Mb / 31P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096 TI-THS3096 Datasheet
1Mb / 34P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Texas Instruments
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Texas Instruments
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3091 TI-THS3091_V01 Datasheet
2Mb / 55P
THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
THS3091 TI-THS3091_V02 Datasheet
3Mb / 46P
THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com