Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3095D Datasheet(PDF) 10 Page - Texas Instruments

Part # THS3095D
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS3095D Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS3095D Datasheet HTML 6Page - Texas Instruments THS3095D Datasheet HTML 7Page - Texas Instruments THS3095D Datasheet HTML 8Page - Texas Instruments THS3095D Datasheet HTML 9Page - Texas Instruments THS3095D Datasheet HTML 10Page - Texas Instruments THS3095D Datasheet HTML 11Page - Texas Instruments THS3095D Datasheet HTML 12Page - Texas Instruments THS3095D Datasheet HTML 13Page - Texas Instruments THS3095D Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
7.7 Typical Characteristics: ±15 V
at TA ≅ 25°C, VS = ±15 V, RF = 1.21 kΩ, G = +2 V/V, and RL = 100 Ω (unless otherwise noted)
Frequency (Hz)
-9
-6
-3
0
3
6
9
1M
10M
100M
1G
RF = 750 
RF = 1.21 k
RF = 1.5 k
VOUT = 200 mVPP
Figure 7-1. Noninverting Small-Signal Frequency Response
Frequency (Hz)
-12
-9
-6
-3
0
3
1M
10M
100M
1G
1M
10M
100M
1G
G = 1 V/V, RF = 1.78 k
G = 2 V/V, RF = 1.21 k
G = 5 V/V, RF = 1 k
G = 10 V/V, RF = 866 
VOUT = 200 mVPP
Figure 7-2. Noninverting Small-Signal Frequency Response
Frequency (Hz)
-12
-9
-6
-3
0
3
1M
10M
100M
1G
1M
10M
100M
1G
G = -1 V/V, RF = 1.05 k
G = -2 V/V, RF = 1 k
G = -5 V/V, RF = 909 
G = -10 V/V, RF = 866 
VOUT = 200 mVPP
Figure 7-3. Inverting Small-Signal Frequency Response
Frequency (Hz)
5.7
5.8
5.9
6
6.1
1M
10M
100M
G = 2 V/V, RF = 1.21 k
VOUT = 200 mVPP
Figure 7-4. 0.1-db Gain Flatness Frequency Response
Frequency (Hz)
-12
-9
-6
-3
0
3
1M
10M
100M
1G
1M
10M
100M
1G
G = 2 V/V, RF = 1.21 k
G = 5 V/V, RF = 1 k
VOUT = 4 VPP
Figure 7-5. Noninverting Large-Signal Frequency Response
Frequency (Hz)
-12
-9
-6
-3
0
3
1M
10M
100M
1G
1M
10M
100M
1G
G = -2 V/V, RF = 1 k
G = -5 V/V, RF = 909 
VOUT = 4 VPP
Figure 7-6. Inverting Large-Signal Frequency Response
THS3091, THS3095
SLOS423K – SEPTEMBER 2003 – REVISED APRIL 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: THS3091 THS3095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com