Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3095D Datasheet(PDF) 24 Page - Texas Instruments

Part # THS3095D
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS3095D Datasheet(HTML) 24 Page - Texas Instruments

Back Button THS3095D Datasheet HTML 20Page - Texas Instruments THS3095D Datasheet HTML 21Page - Texas Instruments THS3095D Datasheet HTML 22Page - Texas Instruments THS3095D Datasheet HTML 23Page - Texas Instruments THS3095D Datasheet HTML 24Page - Texas Instruments THS3095D Datasheet HTML 25Page - Texas Instruments THS3095D Datasheet HTML 26Page - Texas Instruments THS3095D Datasheet HTML 27Page - Texas Instruments THS3095D Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
9.4 Layout
9.4.1 Layout Guidelines
To optimize performance with a high-frequency amplifier, such as the THS309x, pay careful attention to board
layout parasitic and external component types.
Recommendations to optimize performance include the following:
• Minimize parasitic capacitance to any ac ground for all of the signal I/O pins. Parasitic capacitance on the
output and input pins can cause instability. To reduce unwanted capacitance, open a window around the
signal I/O pins in all of the ground and power planes around those pins. Otherwise, keep ground and power
planes unbroken elsewhere on the board.
• Minimize the distance [< 0.25 inch (6.35 mm)] from the power supply pins to the high-frequency 0.1
‑μF
and 100
‑pF decoupling capacitors. At the device pins, keep the ground and power plane layout away from
the signal I/O pins. Avoid narrow power and ground traces to minimize inductance between the pins and
the decoupling capacitors. Always decouple the power-supply connections with these capacitors. Use larger
(6.8 μF or more) tantalum decoupling capacitors, effective at lower frequency, on the main supply pins. The
decoupling capacitors can be placed somewhat farther from the device, and can be shared among several
devices in the same area of the printed circuit board (PCB).
• Connections to other wideband devices on the board can be made with short direct traces or through
onboard transmission lines. For short connections, consider the trace and the input to the next device as a
lumped capacitive load. Use relatively wide traces [0.05 inch (1.3 mm) to 0.1 inch (2.54 mm)], preferably with
ground and power planes opened up around the traces. Estimate the total capacitive load and determine if
isolation resistors on the outputs are necessary. Low-parasitic capacitive loads (< 4 pF) may not need an
RISO because the THS309x are nominally compensated to operate with a 2-pF parasitic load. Higher parasitic
capacitive loads without an RISO are allowed as the signal gain increases (increasing the unloaded phase
margin).
9.4.1.1 PowerPAD Design Considerations
The THS309x are available in a thermally-enhanced PowerPAD family of packages. These packages are
constructed using a downset leadframe on which the die is mounted [see Figure 9-6(a) and Figure 9-6(b)]. This
arrangement results in the lead frame being exposed as a thermal pad on the underside of the package [see
Figure 9-6(c)]. Because this thermal pad has direct thermal contact with the die, excellent thermal performance
can be achieved by providing a good thermal path away from the thermal pad. Note that devices such as the
THS309x have no electrical connection between the PowerPAD and the die.
The PowerPAD package allows for both assembly and thermal management in one manufacturing operation.
During the surface-mount solder operation (when the leads are being soldered), the thermal pad can also be
soldered to a copper area underneath the package. Through the use of thermal paths within this copper area,
heat can be conducted away from the package into either a ground plane or other heat-dissipating device.
The PowerPAD package represents a breakthrough in combining the small area and ease of assembly of
surface mount with the awkward mechanical methods of heatsinking.
DIE
Side View (a)
DIE
End View (b)
Thermal
Pad
Bottom View (c)
Figure 9-6. Views of Thermal Enhanced Package
Although there are many ways to properly heatsink the PowerPAD package, the following section lists the
recommended steps.
THS3091, THS3095
SLOS423K – SEPTEMBER 2003 – REVISED APRIL 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: THS3091 THS3095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com