Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3095D Datasheet(PDF) 25 Page - Texas Instruments

Part # THS3095D
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS3095D Datasheet(HTML) 25 Page - Texas Instruments

Back Button THS3095D Datasheet HTML 21Page - Texas Instruments THS3095D Datasheet HTML 22Page - Texas Instruments THS3095D Datasheet HTML 23Page - Texas Instruments THS3095D Datasheet HTML 24Page - Texas Instruments THS3095D Datasheet HTML 25Page - Texas Instruments THS3095D Datasheet HTML 26Page - Texas Instruments THS3095D Datasheet HTML 27Page - Texas Instruments THS3095D Datasheet HTML 28Page - Texas Instruments THS3095D Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
9.4.1.1.1 PowerPAD Layout Considerations
1. Figure 9-7 shows a PCB with a top-side etch pattern. Place an etch for the leads as well as etch for the
thermal pad.
2. Place 13 holes in the area of the thermal pad. The recommended holes size is 0.01 inch (0.254 mm) in
diameter. Keep the holes small so that solder wicking through the holes is not a problem during reflow.
3. Additional vias can be placed anywhere along the thermal plane outside of the thermal pad area. These
additional vias help dissipate the heat generated by the THS309x device. The additional vias can be larger
than the 0.01-inch (0.254 mm) diameter vias directly under the thermal pad. The additional vias can be
larger because these vias are not in the thermal pad area to be soldered so that wicking is not a problem.
4. Connect all holes to the internal ground plane. The PowerPAD is electrically isolated from the silicon and
all leads. Therefore, connecting the PowerPAD to any potential voltage, such as VS–, is acceptable because
there is no electrical connection to the silicon.
5. When connecting these holes to the ground plane, do not use the typical web or spoke via connection
methodology. Web connections have a high thermal resistance that is useful for slowing the heat transfer
during soldering operations. This high thermal resistance makes the soldering of vias that have plane
connections easier. In this application, however, low thermal resistance is desired for the most efficient heat
transfer. Therefore, connect the holes under the THS309x PowerPAD package connection to the internal
ground plane with a complete connection around the entire circumference of the plated-through hole.
6. On the top-side solder mask, leave the terminals of the package and the thermal pad area with the 13
holes exposed. On the bottom-side solder mask, cover the 13 holes of the thermal pad area. This guideline
prevents solder from being pulled away from the thermal pad area during the reflow process.
7. Apply solder paste to the exposed thermal pad area and all of the device pins.
8. With these preparatory steps in place, the device is simply placed in position and run through the solder
reflow operation as with any standard surface-mount component. This process results in a device that is
properly installed.
0.300
(7,62)
0.100
(2,54)
0.035
(0,89)
0.010
(0,254)
0.030
(0,732)
0.026
(0,66)
0.176
(4,47)
0.050
(1,27)
0.080
(2,03)
0.035
(0,89)
0.010
vias
(0.254)
0.140
(3,56)
0.060
(1,52)
0.060
(1,52)
AllUnitsininches(millimeters)
Figure 9-7. DDA PowerPAD PCB Etch and Via Pattern
www.ti.com
THS3091, THS3095
SLOS423K – SEPTEMBER 2003 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: THS3091 THS3095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com