Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3095D Datasheet(PDF) 20 Page - Texas Instruments

Part # THS3095D
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS3095D Datasheet(HTML) 20 Page - Texas Instruments

Back Button THS3095D Datasheet HTML 16Page - Texas Instruments THS3095D Datasheet HTML 17Page - Texas Instruments THS3095D Datasheet HTML 18Page - Texas Instruments THS3095D Datasheet HTML 19Page - Texas Instruments THS3095D Datasheet HTML 20Page - Texas Instruments THS3095D Datasheet HTML 21Page - Texas Instruments THS3095D Datasheet HTML 22Page - Texas Instruments THS3095D Datasheet HTML 23Page - Texas Instruments THS3095D Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
8.4 Device Functional Modes
8.4.1 Wideband, Noninverting Operation
The THS309x are unity gain stable 715-MHz current-feedback operational amplifiers designed to operate from
a ±5-V to ±15-V power supply. Figure 8-2 shows the THS3091 in a noninverting gain of 2-V/V configuration
typically used to generate the performance curves. Most of the curves were characterized using signal sources
with a 50-Ω source impedance, and with measurement equipment presenting a 50-Ω load impedance.
_
+
THS3091
RF
1.21 kΩ
49.9 Ω
0.1 µF
6.8 µF
−VS
−15 V
RG
50-Ω Source
+
VI
0.1 µF
6.8 µF
+
+VS
15 V
1.21 kΩ
49.9 Ω
50-Ω LOAD
Figure 8-2. Wideband, Noninverting Gain Configuration
Current-feedback amplifiers are highly dependent on feedback resistor RF for maximum performance and
stability. Table 8-1 shows the optimal gain-setting resistors RF and RG at different gains to give maximum
bandwidth with minimal peaking in the frequency response. Higher bandwidths can be achieved (at the expense
of added peaking in the frequency response) by using even lower values for RF. Conversely, increasing RF
decreases the bandwidth, but improves stability.
Table 8-1. Recommended Resistor Values for Optimum Frequency Response
THS3091 AND THS3095 RF AND RG VALUES FOR MINIMAL PEAKING WITH RL = 100 Ω
GAIN (V/V)
SUPPLY VOLTAGE (V)
RG (Ω)
RF (Ω)
1
±5 and ±15
—
1.78 k
2
±5
1.15 k
1.15 k
±15
1.21 k
1.21 k
5
±5 and ±15
249
1 k
10
±5 and ±15
95.3
866
–1
±5 and ±15
1.05 k
1.05 k
–2
±5 and ±15
499
1 k
–5
±5 and ±15
182
909
–10
±5 and ±15
86.6
866
THS3091, THS3095
SLOS423K – SEPTEMBER 2003 – REVISED APRIL 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: THS3091 THS3095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com