Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3095D Datasheet(PDF) 11 Page - Texas Instruments

Part # THS3095D
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS3095D Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS3095D Datasheet HTML 7Page - Texas Instruments THS3095D Datasheet HTML 8Page - Texas Instruments THS3095D Datasheet HTML 9Page - Texas Instruments THS3095D Datasheet HTML 10Page - Texas Instruments THS3095D Datasheet HTML 11Page - Texas Instruments THS3095D Datasheet HTML 12Page - Texas Instruments THS3095D Datasheet HTML 13Page - Texas Instruments THS3095D Datasheet HTML 14Page - Texas Instruments THS3095D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
7.7 Typical Characteristics: ±15 V (continued)
at TA ≅ 25°C, VS = ±15 V, RF = 1.21 kΩ, G = +2 V/V, and RL = 100 Ω (unless otherwise noted)
Frequency (Hz)
-12
-9
-6
-3
0
3
1M
10M
100M
1G
RISO = 38.3 , CL = 10 pF
RISO = 30.9 , CL = 22 pF
RISO = 22.1 , CL = 47 pF
RISO = 15.8 , CL = 100 pF
VOUT = 200 mVPP, Gain = 5 V/V, RF = 1 kΩ
Figure 7-7. Capacitive Load Frequency Response
Capacitive Load (pF)
10
100
0
5
10
15
20
25
30
35
40
45
Gain = 5 V/V, RF = 1 kΩ
Figure 7-8. Recommended RISO vs Capacitive Load
Frequency (Hz)
-110
-100
-90
-80
-70
-60
-50
-40
-30
100k
1M
10M
100M
HD2, G = 1 V/V, RF = 1.78 k
HD2, G = 2 V/V, RF = 1.21 k
HD3, G = 1 V/V, RF = 1.78 k
HD3, G = 2 V/V, RF = 1.21 k
VOUT = 4 VPP
Figure 7-9. Harmonic Distortion vs Frequency
Frequency (Hz)
-120
-110
-100
-90
-80
-70
-60
-50
-40
100k
1M
10M
100M
HD2, G = 1 V/V, RF = 1.78 k
HD2, G = 2 V/V, RF = 1.21 k
HD3, G = 1 V/V, RF = 1.78 k
HD3, G = 2 V/V, RF = 1.21 k
VOUT = 4 VPP, RL = 1 kΩ
Figure 7-10. Harmonic Distortion vs Frequency
Output Voltage Swing (VPP)
0
2
4
6
8
10
12
14
16
18
20
-100
-95
-90
-85
-80
-75
HD2
HD3
Gain = 5 V/V, RF = 1 kΩ, f = 1 MHz
Figure 7-11. Harmonic Distortion vs Output Voltage Swing
Output Voltage Swing (VPP)
0
2
4
6
8
10
12
14
16
18
20
-90
-85
-80
-75
-70
-65
-60
HD2
HD3
Gain = 5 V/V, RF = 1 kΩ, f = 8 MHz
Figure 7-12. Harmonic Distortion vs Output Voltage Swing
www.ti.com
THS3091, THS3095
SLOS423K – SEPTEMBER 2003 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: THS3091 THS3095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com