Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3095D Datasheet(PDF) 13 Page - Texas Instruments

Part # THS3095D
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS3095D Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS3095D Datasheet HTML 9Page - Texas Instruments THS3095D Datasheet HTML 10Page - Texas Instruments THS3095D Datasheet HTML 11Page - Texas Instruments THS3095D Datasheet HTML 12Page - Texas Instruments THS3095D Datasheet HTML 13Page - Texas Instruments THS3095D Datasheet HTML 14Page - Texas Instruments THS3095D Datasheet HTML 15Page - Texas Instruments THS3095D Datasheet HTML 16Page - Texas Instruments THS3095D Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
7.7 Typical Characteristics: ±15 V (continued)
at TA ≅ 25°C, VS = ±15 V, RF = 1.21 kΩ, G = +2 V/V, and RL = 100 Ω (unless otherwise noted)
Supply Voltage (
V)
5
6
7
8
9
10
11
12
13
14
15
16
8
8.5
9
9.5
10
TA = -40C
TA = 25C
TA = 85C
.
Figure 7-19. Quiescent Current vs Supply Voltage
RL (Ohm)
40
100
1000
-15
-12
-9
-6
-3
0
3
6
9
12
15
Sourcing
Sinking
.
Figure 7-20. Output Voltage vs Load Resistance
Temperature (
C)
-40 -30 -20 -10
0
10 20 30 40 50 60 70 80 90
-8
-6
-4
-2
0
2
4
6
8
IOS
IB-
IB+
.
Figure 7-21. Input Bias and Offset Current vs Case Temperature
Temperature (
C)
-40 -30 -20 -10
0
10 20 30 40 50 60 70 80 90
0
0.2
0.4
0.6
0.8
1
VS = 5 V
VS = 15 V
.
Figure 7-22. Input Offset Voltage vs Case Temperature
Frequency (Hz)
20
40
60
80
100
120
140
100k
1M
10M
100M
1G
.
Figure 7-23. Transimpedance vs Frequency
Frequency (Hz)
0
20
40
60
80
100
100k
1M
10M
100M
1G
PSRR+
PSRR-
CMRR
.
Figure 7-24. Rejection Ratio vs Frequency
www.ti.com
THS3091, THS3095
SLOS423K – SEPTEMBER 2003 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: THS3091 THS3095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com