Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3095D Datasheet(PDF) 19 Page - Texas Instruments

Part # THS3095D
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS3095D Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS3095D Datasheet HTML 15Page - Texas Instruments THS3095D Datasheet HTML 16Page - Texas Instruments THS3095D Datasheet HTML 17Page - Texas Instruments THS3095D Datasheet HTML 18Page - Texas Instruments THS3095D Datasheet HTML 19Page - Texas Instruments THS3095D Datasheet HTML 20Page - Texas Instruments THS3095D Datasheet HTML 21Page - Texas Instruments THS3095D Datasheet HTML 22Page - Texas Instruments THS3095D Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
Figure 8-1 shows the total system output impedance, which includes the amplifier output impedance in parallel
with the feedback plus gain resistors, and cumulates to 2416 Ω. Figure 8-2 shows this circuit configuration for
reference.
Frequency (Hz)
0
500
1000
1500
2000
2500
100k
1M
10M
100M
1G
Figure 8-1. Power-Down Output Impedance vs Frequency
As with most current feedback amplifiers, the internal architecture places some limitations on the system when
in Power-Down mode. Most notably is the fact that the amplifier actually turns on if there is a ±0.7 V or greater
difference between the two input nodes (VIN+ and VIN-) of the amplifier. If this difference exceeds ±0.7 V, then
the output of the amplifier creates an output voltage equal to approximately [(VIN+ – VIN–) – 0.7 V] × Gain. This
also implies that if a voltage is applied to the output while in Power-Down mode, the V– node voltage is equal to
VO(applied) × RG / (RF + RG). For low-gain configurations and a large applied voltage at the output, the amplifier
can actually turn on due to the aforementioned behavior.
The time delays associated with turning the device on and off are specified as the time required for the amplifier
to reach either 10% or 90% of the final output voltage. The time delays are in the order of microseconds because
the amplifier moves in and out of the linear mode of operation in these transitions.
www.ti.com
THS3091, THS3095
SLOS423K – SEPTEMBER 2003 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: THS3091 THS3095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com