Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3095D Datasheet(PDF) 41 Page - Texas Instruments

Part # THS3095D
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS3095D Datasheet(HTML) 41 Page - Texas Instruments

Back Button THS3095D Datasheet HTML 37Page - Texas Instruments THS3095D Datasheet HTML 38Page - Texas Instruments THS3095D Datasheet HTML 39Page - Texas Instruments THS3095D Datasheet HTML 40Page - Texas Instruments THS3095D Datasheet HTML 41Page - Texas Instruments THS3095D Datasheet HTML 42Page - Texas Instruments THS3095D Datasheet HTML 43Page - Texas Instruments THS3095D Datasheet HTML 44Page - Texas Instruments THS3095D Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(5.4)
(1.3) TYP
(
0.2) TYP
VIA
(R0.05) TYP
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
8X (1.55)
8X (0.6)
6X (1.27)
(2.95)
NOTE 9
(4.9)
NOTE 9
(2.71)
(3.4)
SOLDER MASK
OPENING
(1.3)
TYP
4214849/B 09/2025
PowerPAD
SOIC - 1.7 mm max height
DDA0008B
PLASTIC SMALL OUTLINE
SYMM
SYMM
SEE DETAILS
LAND PATTERN EXAMPLE
SCALE:10X
1
4
5
8
SOLDER MASK
OPENING
METAL COVERED
BY SOLDER MASK
SOLDER MASK
DEFINED PAD
9
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
8. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
numbers SLMA002 (www.ti.com/lit/slma002) and SLMA004 (www.ti.com/lit/slma004).
9. Size of metal pad may vary due to creepage requirement.
10. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
TM
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
PADS 1-8
OPENING
SOLDER MASK
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com